Zakładka z wyszukiwarką danych komponentów |
|
CA3292AQ Arkusz danych(PDF) 3 Page - Intersil Corporation |
|
CA3292AQ Arkusz danych(HTML) 3 Page - Intersil Corporation |
3 / 10 page 3 Absolute Maximum Ratings Thermal Information Output Voltage, VO (CA3272A) . . . . . . . . . . . . . . . . . . . . . . . . +60V Output Sustaining Voltage, VCE(SUS) (CA3272A) . . . . . . . . . . . 40V Output Voltage, VO (CA3292A) . . . . . . . . . . . . . . . . . . . . . VCLAMP Maximum Output Clamp Energy (CA3292A) . . . . . . . . . . . (Note 8) Output Transient Current, (Note 1) . . . . . . . . . . . . . . . . . . 1.6A Max. Output Load Current, (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7A Supply Voltage, VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V Logic Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V FAULT Output Voltage, VF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16V Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC Thermal Resistance (Typical, Note 3) θ JA ( oC/W) For surface mount without added copper ground area: CA3272AQ, CA3292AQ (PLCC) . . . . . . . . . . . . . . 45oC/W CA3272AM, CA3292AM (SOIC). . . . . . . . . . . . . . . 56oC/W For surface mount with 2 sq. in. of added copper ground area: CA3272AQ, CA3292AQ (PLCC) . . . . . . . . . . . . . . 36oC/W CA3272AM, CA3292AM (SOIC). . . . . . . . . . . . . . . 35oC/W See Maximum Power Dissipation vs Temperature Curves, Figures 6 and 7. Maximum Junction Temperature (Plastic Packages) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC (SOIC, PLCC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Electrical Specifications TA = -40 oC to 125oC, V CC = 5.5V, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS OUTPUT PARAMETERS Output (OFF) Current ICEX VIN = 0.8V; VEN = 5.5V; (Note 4) VCE = 60V for CA3272A VCE = 24V for CA3292A - 30 100 µA Output Sustaining Voltage: CA3272A VCE(SUS) Note 7 40 - - V Output Clamp Voltage: CA3292A VCLAMP IC = 300µA; VEN = 0.8V 28 32 36 V Collector-to-Emitter Saturation Voltage VCE(SAT) VIN = 2V, VCC = 4.75V, IC = 400mA, TA = 125 oC - - 0.3 V IC = 500mA, TA = 25 oC - - 0.4 V IC = 600mA, TA = -40 oC - - 0.5 V LOGIC INPUT THRESHOLDS Input Low Voltage VIL VCC = 3.5V - - 0.8 V Input High Voltage VIH 2- - V Input Low Current IIL VIN = VEN = 0.8V; VCC = 4.75V 10 45 70 µA Input High Current IIH VIN = VEN = 5.5V 10 45 70 µA SUPPLY CURRENT All Outputs ON ICC(ON) VIN = VEN = 5.5V; IOUTA = IOUTB = IOUTC = IOUTD = 400mA - - 65 mA All Outputs OFF ICC(OFF) VIN = 0V - - 10 mA PROPAGATION DELAY Turn-ON Delay tPHL ILOAD = 500mA - 3 10 µs Turn-OFF Delay tPLH ILOAD = 500mA - 3 10 µs FAULT PARAMETERS Output Low Current, IF(SINK) (with Fault) IOL VIN = 0.8V; VEN = 2.0V; VF = 4V VOUT = Low = 1V; (Note 5) 124 mA Output High Current, IF(LK) IOH No Fault (Note 5) - - 20 µA Output Low Voltage VOL External Load Equal Min. IOL - 0.2 0.4 V Output Driver Fault Sense, High Threshold (Open) VHTHD VIN = 0.8V; VEN = 2V (Note 6) 3 4 5.5 V CA3272A, CA3292A |
Podobny numer części - CA3292AQ |
|
Podobny opis - CA3292AQ |