Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3277 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części CA3277
Szczegółowy opis  Dual 5V Regulator with Serial Data Buffer Interface for Microcontroller Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3277 Arkusz danych(HTML) 7 Page - Intersil Corporation

  CA3277 Datasheet HTML 1Page - Intersil Corporation CA3277 Datasheet HTML 2Page - Intersil Corporation CA3277 Datasheet HTML 3Page - Intersil Corporation CA3277 Datasheet HTML 4Page - Intersil Corporation CA3277 Datasheet HTML 5Page - Intersil Corporation CA3277 Datasheet HTML 6Page - Intersil Corporation CA3277 Datasheet HTML 7Page - Intersil Corporation CA3277 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7-45
CA3277
FIGURE 4. CHARACTERISTIC EVALUATION AND TEST CIRCUIT
CA3277
IGN IN
BATT
DATA IN
CUR IN
DATA
CRST
RST
OUT2
GND
OUT1
47K
0 .01
0.47
20
µF
20
µF
0.047
0.047
OUT
ENABLE
IGN
(OUT2)
RL2
VEN
VIGN IN
250
OUT
VDATA IN
IEN
VIGN OUT
VDATA OUT
ICIN
VRST
VCIN
CRST
1
16
3
14
15
2
8
7
6
11
10
GND PINS 4,5,12,13
CUR OUT
A
VBATT
1K
250
ICOUT
VCOUT
9
VOUT2
VOUT2
RL2
IOUT2 =
(LOAD)
VOUT1
VOUT1
RL1
IOUT1 =
RL1
(LOAD)
A
FIGURE 4A. TYPICAL CHARACTERISTIC CURVES FOR OUT1
AND OUT2 OUTPUT VOLTAGE vs BATT VOLTAGE
INPUT
FIGURE 4B. TYPICAL CHARACTERISTICS CURVES FOR NO-
LOAD BATT INPUT CURRENT vs BATT INPUT
VOLTAGE FOR OFF STATE IDLE CURRENTS
FIGURE 4C. TYPICAL IGN IN CURRENT vs IGN IN INPUT VOLTAGE
FIGURE 4D. TYPICAL CURRENT MULTIPLIER CURRENT GAIN
CHARACTERISTIC
5
4
3
2
1
0
2) VOUT2 vs VBATT
1) VOUT1 vs VBATT
ENABLE HIGH, IGN IN TO BATT
RL1 = 100Ω, RL2 = 62Ω
1
2
1 AND 2
TA = +25
oC
INPUT VOLTAGE (V)
0
5
15
20
10
8
6
4
2
0
12
510
15
INPUT VOLTAGE (V)
20
14
16
OVER-VOLTAGE
LOW VOLTAGE
NORMAL
2.5
22.5
1) IGN IN TO BATT, ENABLE HIGH,
2) IGN IN AND ENABLE TO GND
TA = +25
oC, NO LOAD
DATA IN THROUGH 250
Ω TO BATT
DROPOUT
SHUTDOWN
1
2
OPERATING RANGE
0510
15
IGN IN INPUT VOLTAGE (V)
0.5
0.4
0.3
0.2
0.1
0
20
4) BATT TO 11V, ENABLE TO GND
3) BATT TO 16V, ENABLE TO GND
2) BATT TO 11V, ENABLE TO OUT1
1) BATT TO 16V, ENABLE TO OUT1
TA = +25
oC, R
L1 = 100Ω, RL2 = 62Ω
1
2
3
4
0
0.1
0.2
0.3
CUR IN (PIN 10) - INPUT (SOURCED) CURRENT (mA)
25
20
15
10
5
0
30
35
0.4
TEST NOTE:
MEASUREMENTS MADE
AS VOLTAGE ON 50
Ω LOAD
FROM CUR OUT TO 5V
TA = +25
oC, V
BATT = 13.5V
CUR OUT THROUGH 250
Ω TO BATT
ENABLE AND IGN IN TO BATT


Podobny numer części - CA3277

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3272 INTERSIL-CA3272 Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AM INTERSIL-CA3272AM Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AQ INTERSIL-CA3272AQ Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
More results

Podobny opis - CA3277

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
TA14832 HARRIS-TA14832 Datasheet
82Kb / 3P
   DUAL 5V REGULATOR WITH LOGIC CONTROLLED STARUP FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
   DUAL 5V REGULATOR WITH RESET
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
   DUAL 5V REGULATOR WITH RESET
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
National Semiconductor ...
LP2957 NSC-LP2957 Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
logo
ATMEL Corporation
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
   microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
logo
WAGO Kontakttechnik Gmb...
750-654 WAGO-750-654 Datasheet
476Kb / 12P
   Serial Data Exchange Interface
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com