Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP52 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części BCP52
Szczegółowy opis  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP52 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP52 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP52 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
BCP51,BCP52,BCP53
(KCP51,KCP52,KCP53)
Features
For AF driver and output stages
High collector current
Low collector-emitter saturation voltage
Complementary to BCP54,BCP55,BCP56
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
BCP51
BCP52
BCP53
Unit
Collector - Base Voltage
VCBO
-45
-60
-100
Collector - Emitter Voltage
VCEO
-45
-60
-80
Emitter - Base Voltage
VEBO
Collector Current - Continuous
IC
A
Collector Power Dissipation
PC
W
Thermal Resistance Junction to Ambient
RθJA
/W
Junction Temperature
TJ
Storage Temperature Range
Tstg
V
-5
-1
1.5
150
-65 to 150
94
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Base
2.Collector
3.Emitter
4.Collector
4
1
2
3
0.250
Gauge Plane


Podobny numer części - BCP52

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCP52 PHILIPS-BCP52 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
BCP52 NXP-BCP52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Nexperia B.V. All right...
BCP52 NEXPERIA-BCP52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
logo
STMicroelectronics
BCP52 STMICROELECTRONICS-BCP52 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
October 1997
logo
SHENZHEN YONGERJIA INDU...
BCP52 WINNERJOIN-BCP52 Datasheet
194Kb / 3P
   TRANSISTOR (PNP)
More results

Podobny opis - BCP52

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com