Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3310D Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części CA3310D
Szczegółowy opis  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310D Arkusz danych(HTML) 5 Page - Intersil Corporation

  CA3310D Datasheet HTML 1Page - Intersil Corporation CA3310D Datasheet HTML 2Page - Intersil Corporation CA3310D Datasheet HTML 3Page - Intersil Corporation CA3310D Datasheet HTML 4Page - Intersil Corporation CA3310D Datasheet HTML 5Page - Intersil Corporation CA3310D Datasheet HTML 6Page - Intersil Corporation CA3310D Datasheet HTML 7Page - Intersil Corporation CA3310D Datasheet HTML 8Page - Intersil Corporation CA3310D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
6-10
DIGITAL OUTPUTS D0 - D9, DRDY
High-Level Output Voltage
ISOURCE = -4mA
4.6
-
-
V
Low-Level Output Voltage
ISINK = 6mA
-
-
0.4
V
Three-State Leakage
Except DRDY
-
-
±1
µA
Output Capacitance
Except DRDY (Note 2)
-
-
20
pF
CLK OUTPUT
High-Level Output Voltage
ISOURCE = 100µA (Note 2)
4
-
-
V
Low-Level Output Voltage
ISlNK = 100µA (Note 2)
-
-
1
V
TIMING
Clock Frequency
Internal, CLK and REXT Open
200
300
400
kHz
Internal, CLK Shorted to REXT
600
800
1000
kHz
External, Applied to CLK (Note 2) (Max)
-
4
2
MHz
(Min)
100
10
-
kHz
Clock Pulse Width, tLOW, tHIGH
External, Applied to CLK:
See Figure 1 (Note 2)
100
-
-
ns
Conversion Time
Internal, CLK Shorted to REXT
13
-
-
µs
Aperture Delay, tD APR
See Figure 1
-
100
-
ns
Clock to Data Ready Delay, tD1 DRDY
See Figure 1
-
150
-
ns
Clock to Data Ready Delay, tD2 DRDY
See Figure 1
-
250
-
ns
Clock to Data Delay, tD Data
See Figure 1
-
200
-
ns
Start Removal Time, tR STRT
See Figures 3 and 4 (Note 1)
-
-120
-
ns
Start Setup Time, tSU STRT
See Figure 4
-
160
-
ns
Start Pulse Width, tW STRT
See Figures 3 and 4
-
10
-
ns
Start to Data Ready Delay, tD3 DRDY
See Figures 3 and 4
-
170
-
ns
Clock Delay from Start, tD CLK
See Figure 3
-
200
-
ns
Ready Reset Removal Time, tR DRST
See Figure 50 (Note 1)
-
-80
-
ns
Ready Reset Pulse Width, tW DRST
See Figure 5
-
10
-
ns
Ready Reset to Data Ready Delay,
tD4 DRDY
See Figure 5
-
35
-
ns
Output Enable Delay, tEN
See Figure 2
-
40
-
ns
Output Disable Delay, tDIS
See Figure 2
-
50
-
ns
SUPPLIES
Supply Operating Range, VDD or VAA
(Note 2)
3
-
6
V
Supply Current, IDD + IAA
See Figures 14, 15
-
3
8
mA
Supply Standby Current
Clock Stopped During Cycle 1
-
3.5
-
mA
Analog Supply Rejection
At 120Hz, See Figure 13
-
25
-
mV/V
Reference Input Current
See Figure 10
-
160
-
µA
TEMPERATURE DEPENDENCY
Offset Drift
At 0 to 1 Code Transition
-
-4
-
µV/oC
Gain Drift
At 1022 to 1023 Code Transition
-
-6
-
µV/oC
Internal Clock Speed
See Figure 7
-
-0.5
-
%/oC
NOTES:
1. A (-) removal time means the signal can be removed after the reference signal.
2. Parameter not tested, but guaranteed by design or characterization.
Electrical Specifications
TA = 25
oC, V
DD = VAA+ = 5V, VREF+ = 4.608V, VSS = VAA- = VREF- = GND, CLK = External 1MHz,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CA3310, CA3310A


Podobny numer części - CA3310D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310A INTERSIL-CA3310A Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310AM INTERSIL-CA3310AM Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310E INTERSIL-CA3310E Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310M INTERSIL-CA3310M Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
More results

Podobny opis - CA3310D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com