Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD22357A Arkusz danych(PDF) 5 Page - Harris Corporation

Numer części CD22357A
Szczegółowy opis  CMOS Single-Chip, Full-Feature PCM CODEC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22357A Arkusz danych(HTML) 5 Page - Harris Corporation

  CD22357A Datasheet HTML 1Page - Harris Corporation CD22357A Datasheet HTML 2Page - Harris Corporation CD22357A Datasheet HTML 3Page - Harris Corporation CD22357A Datasheet HTML 4Page - Harris Corporation CD22357A Datasheet HTML 5Page - Harris Corporation CD22357A Datasheet HTML 6Page - Harris Corporation CD22357A Datasheet HTML 7Page - Harris Corporation CD22357A Datasheet HTML 8Page - Harris Corporation CD22357A Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-169
CD22354A, CD22357A
Transmit Input Amplifier Gain,
Unity
ACL
Unity Gain Configuration
Inverting or Non-Inverting
RL ≥ 10K, CL ≤ 50pF
-0.01
-
0.01
dB
Transmit Gain, Absolute
GXA
RL ≥ 10K, CL ≤ 50pF
-0.15
-
0.15
dB
Receive Gain, Absolute
GRA
RL ≥ 600Ω, CL ≤ 500pF
-0.15
-
0.15
dB
Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AC NOISE
Transmit Noise
NX
VFXI- = GND
-
12
15
dBrnc0
VFXI+ = GND
-
-74
-67
dBrn0p
Receive Noise
NR
PCM Code Equivalent to 0V
-
7
11
dBrnc0
-
-83
-79
dBrn0p
V+ Power Supply Rejection
Transmit
PSRR
VFXI+ = 0V
V+ = 5V + (100mVRMS)
f = 0kHz to 50kHz
40
-
-
dBc
V- Power Supply Rejection
Transmit
PSRR
VFXI- = 0V
V- = -5V + (100mVRMS)
f = 0kHz to 50kHz
40
-
-
dBc
V+ Power Supply Rejection
Receive
PSRR
PCM Code = All 1 Code
V+ = 5V + (100mVRMS)
f = 0kHz to 4kHz
40
-
-
dBc
f = 4kHz to 25kHz
37
-
-
dB
f = 25kHz to 50kHz
36
-
-
dB
V- Power Supply Rejection
Receive
PSRR
PCM Code = All 1 Code
V- = -5V + (100mVRMS)
f = 0kHz to 4kHz
40
-
-
dBc
f = 4kHz to 25kHz
40
-
-
dB
f = 25kHz to 50kHz
36
-
-
dB
Cross Talk Transmit to Receive
CTXR
VFXI- = 0dBm0 at 1020Hz
-
-80
-70
dB
Cross Talk Receive to Transmit
CTRX
DR = 0dBm0 at 1020Hz,
VFXI- = 0V
-
-76
-70
dB
Electrical Specifications
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Podobny numer części - CD22357A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
CD22301 INTERSIL-CD22301 Datasheet
176Kb / 5P
   Monolithic PCM Repeater
CD22301E INTERSIL-CD22301E Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
CD22301E INTERSIL-CD22301E Datasheet
176Kb / 5P
   Monolithic PCM Repeater
CD22301 INTERSIL-CD22301_02 Datasheet
176Kb / 5P
   Monolithic PCM Repeater
More results

Podobny opis - CD22357A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
   CMOS PCM CODEC-Filter Combination
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Motorola, Inc
MC14406 MOTOROLA-MC14406 Datasheet
418Kb / 10P
   FULL DUPLEX 8-BIT COMPANDED PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com