Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD22M3494E Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części CD22M3494E
Szczegółowy opis  16 x 8 x 1 BiMOS-E Crosspoint Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3494E Arkusz danych(HTML) 2 Page - Intersil Corporation

  CD22M3494E Datasheet HTML 1Page - Intersil Corporation CD22M3494E Datasheet HTML 2Page - Intersil Corporation CD22M3494E Datasheet HTML 3Page - Intersil Corporation CD22M3494E Datasheet HTML 4Page - Intersil Corporation CD22M3494E Datasheet HTML 5Page - Intersil Corporation CD22M3494E Datasheet HTML 6Page - Intersil Corporation CD22M3494E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
66
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (VDD)
Voltages Referenced to VEE. . . . . . . . . . . . . . . . . . . . . -0.5 to 16V
DC Supply Voltage (VDD)
Voltages Referenced to VSS. . . . . . . . . . . . . . . . . . . . . . -0.5, 16V
DC Input Diode Current, IIN
For VI, Digital < VSS -0.5V or VI,
Analog < VEE -0.5V or VI > VDD 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO, Digital < VSS -0.5V or VO,
Analog < VEE -0.5V or VO > VDD 0.5V . . . . . . . . . . . . . . . . . . .±20mA
DC Transmission Gate Current
. . . . . . . . . . . . . . . . . . . . . . . . . .±25mA
Power Dissipation Per Package (Po)
For TA = -40
oC to 85oC (PDIP) . . . . . . . . . . . . . . . . . . . . 500mW
For TA = 60
oC to 85oC Derate Linearly . . . . . . 12mW/oC to 200mW
For TA = -40
oC to 85oC (PLCC). . . . . . . . . . . . . . . . . . . . . . 600mW
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
43
Maximum Junction Temperature Plastic Package . . . . . . . . . 150oC
Maximum Storage Temperature Range (TSTG) . . . . -65
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(PLCC - Lead Tips Only)
Operating Conditions
Operating Temperature Range (TA)
Package Type E and Q . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Supply Voltage Range
For TA = Full Package Temperature Range
VSS = 0V, VEE = 0V, VDD . . . . . . . . . . . . . . . . . . . . . . . 4V to 15V
DC Input or Output Voltage VI or VO . . . . . . . . . . . . . . . VEE to VDD
Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS to VDD
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = -40
oC to 85oC, V
DD = 5V, VSS = 0V, VEE = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC CONTROLS
Supply Current
IDD
VDD = 5V, Logic Inputs = VDD
--
2
mA
VDD = 15V, Logic Inputs = VDD
--
5
mA
High-Level Input Voltage
VIH
VDD = 5V
2.4
(Note 2)
--
V
Low-Level Input Voltage
VIL
-
-
0.8
(Note 2)
V
Input Leakage Current, Digital
IIN
Reset = Low (Note 3)
-
-
±10
(Note 4)
µA
Electrical Specifications
TA = -40
oC to 85oC, V
DD = 12V, VSS = 0V, VEE = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC CROSSPOINTS
ON Resistance
RON
VSS = VEE = 0V,
TA =25
oC, V
IN =VDD/2, VX
- VY = 0.2V
VDD = 10V
-
40
75
VDD = 12V
-
36
65
ON Resistance
RON
TA = -40
oC to 85oC,
VIN = VDD/2, VX -VY = 0.2V,
VSS = VEE = 0V
VDD = 10V
-
50
75
VDD = 12V
-
45
65
Difference in ON Resistance
Between Any Two Switches
∆RON
TA = 25
oC, V
IN = VDD/2, VX - VY = 0.2V,
VSS = VEE = 0V, VDD = 12V
-6
10
CD22M3494


Podobny numer części - CD22M3494E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD22M3494E INTERSIL-CD22M3494E Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494E INTERSIL-CD22M3494E Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494EZ INTERSIL-CD22M3494EZ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494EZ INTERSIL-CD22M3494EZ Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494EZ RENESAS-CD22M3494EZ Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

Podobny opis - CD22M3494E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com