Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD40104BMS Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części CD40104BMS
Szczegółowy opis  CMOS 4-Bit Bidirectional Universal Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40104BMS Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button CD40104BMS Datasheet HTML 2Page - Intersil Corporation CD40104BMS Datasheet HTML 3Page - Intersil Corporation CD40104BMS Datasheet HTML 4Page - Intersil Corporation CD40104BMS Datasheet HTML 5Page - Intersil Corporation CD40104BMS Datasheet HTML 6Page - Intersil Corporation CD40104BMS Datasheet HTML 7Page - Intersil Corporation CD40104BMS Datasheet HTML 8Page - Intersil Corporation CD40104BMS Datasheet HTML 9Page - Intersil Corporation CD40104BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
7-1316
CD40104BMS, CD40194BMS
FIGURE 9. TYPICAL POWER DISSIPATION AS A FUNCTION OF FREQUENCY
Chip Dimensions and Pad Layouts
CD40104BMS
CD40194BMS
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
Typical Performance Characteristics (Continued)
FREQUENCY (f
φ) (kHz)
8
6
4
2
105
8
6
4
2
104
8
6
4
2
103
8
6
4
2
102
10
0.1
8
6
4
2
1
8
6
4
2
10
102
103
104
8
6
4
28
6
4
28
6
4
2
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
CL = 50pF
CL = 15pF


Podobny numer części - CD40104BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4010 TI-CD4010 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Fairchild Semiconductor
CD4010 FAIRCHILD-CD4010 Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
Intersil Corporation
CD40100BMS INTERSIL-CD40100BMS Datasheet
65Kb / 9P
   CMOS 32-Stage Static Left/Right Shift Register
December 1992
CD40101BMS INTERSIL-CD40101BMS Datasheet
105Kb / 8P
   CMOS 9-Bit Parity Generator/Checker
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results

Podobny opis - CD40104BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com