Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4021BMS Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CD4021BMS
Szczegółowy opis  CMOS 8-Stage Static Shift Registers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4021BMS Arkusz danych(HTML) 4 Page - Intersil Corporation

  CD4021BMS Datasheet HTML 1Page - Intersil Corporation CD4021BMS Datasheet HTML 2Page - Intersil Corporation CD4021BMS Datasheet HTML 3Page - Intersil Corporation CD4021BMS Datasheet HTML 4Page - Intersil Corporation CD4021BMS Datasheet HTML 5Page - Intersil Corporation CD4021BMS Datasheet HTML 6Page - Intersil Corporation CD4021BMS Datasheet HTML 7Page - Intersil Corporation CD4021BMS Datasheet HTML 8Page - Intersil Corporation CD4021BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7-83
Specifications CD4014BMS, CD4021BMS
Propagation Delay
TPHL
TPLH
VDD = 10V
1, 2, 3
+25oC
-
160
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
6
-
MHz
VDD = 15V
1, 2, 3
+25oC
8.5
-
MHz
Clock Rise and Fall Time
(Note 4)
TRCL
TFCL
VDD = 5V
3, 5
+25oC-
15
µs
VDD = 10V
3, 5
+25oC-
15
µs
VDD = 15V
3, 5
+25oC-
15
µs
Minimum Hold Time Seri-
al In, Parallel In
Parallel/Serial Control
TH
VDD = 5V
1, 2, 3
+25oC-
0
ns
VDD = 10V
1, 2, 3
+25oC-
0
ns
VDD = 15V
1, 2, 3
+25oC-
0
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
180
ns
VDD = 10V
1, 2, 3
+25oC
-
80
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Minimum Setup Time
Serial Input (Ref. to CL)
TS
VDD = 5V
2, 3
+25oC
-
120
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
60
ns
Minimum Setup Time
Parallel Inputs
CD4014BMS
(Ref. to CL)
TS
VDD = 5V
2, 3
+25oC
-
80
ns
VDD = 10V
2, 3
+25oC
-
50
ns
VDD = 15V
2, 3
+25oC
-
40
ns
Minimum Setup Time
Parallel Inputs
CD4021BMS
(Ref. to P/S)
TS
VDD = 5V
2, 3
+25oC
-
50
ns
VDD = 10V
2, 3
+25oC
-
30
ns
VDD = 15V
2, 3
+25oC
-
20
ns
Minimum Setup Time
Parallel/Serial Control
CD4014BMS (Ref. to CL)
TS
VDD = 5V
2, 3
+25oC
-
180
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
60
ns
Minimum P/S Pulse
Width (CD4021BMS)
TWH
VDD = 5V
2, 3
+25oC
-
160
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
50
ns
Minimum P/S Removal
Time CD4021BMS
(Ref. to CL)
TREM
VDD = 5V
2, 3
+25oC
-
280
ns
VDD = 10V
2, 3
+25oC
-
140
ns
VDD = 15V
2, 3
+25oC
-
100
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. If more than one unit is cascaded, TRCL should be made less than or equal to the sum of the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Podobny numer części - CD4021BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CD4021BMS RENESAS-CD4021BMS Datasheet
372Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
More results

Podobny opis - CD4021BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
   8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021BEE4 TI-CD4021BEE4 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS 8-Stage Statice Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com