Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC210A Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części LC210A
Szczegółowy opis  General Purpose DMM Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LC210A Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  LC210A Datasheet HTML 1Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 2Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 3Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 4Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 5Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 6Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TL-30
30A Power Supply Cable
#10 Spade Lug to Large
Battery Clips
30A rating
Black and Red pair
30" (0.75m) length
TL-5A
5A Banana Plug
Power Supply Cables
4mm Banana plug to
alligator clip
5A rating
Black and Red pair
40" (1.0m) length
94
Bandwidth
1GHz (-3dB)
Attenuation Ratio
x10
Accuracy
±2%
Rise Time
467ps
Propagation Delay
5.2ns
Input Impedance
1M
Ω/2pF
Output Impedance
50
Ω
Output Offset
10mV
Dynamic Range
±7V (@x10)
Absolute Maximum
Input Voltage
±40V (DC+Peak AC)
Operating Temperate
14˚ to 104˚F (-10˚ to 40˚C), 25 to 85% RH
Storage Temperature
-22˚ to 158˚F (-30˚ to 70˚C), 25 to 85% RH
Power Requirements
12VDC, 50mA Min. (Wall Adapter) Included
Cable Length
48" (1.2m)
Certification
IEC61010-1 CATI (Pending)
Model PR-70
Active FET Probe
An Active FET probe enables you to measure high frequency signals on your
B+K Precision Spectrum Analyzer. Powered by a 12VDC adapter (included),
the probe measures frequencies up to 1GHz with an input impedance of 2pF
and 1M
Ω. The probe also works on B+K Precision oscilloscopes.
The probe includes a full accessory kit for the most demanding applications.
Accessories include: 4 - 0.031 gold measuring tips, 2 - ultra-miniature test
clips, 2- miniature test clips, 2- 5cm miniature test leads and 2- 10cm miniature
test leads.
Note: Probes 50
Ω output impedance requires TE-26 50Ω feedthru terminator
when used on 1M
Ω input impedance oscilloscopes.
Model TIP-70
Active FET Probe Accessory Kit
Replacement Kit for Active FET Probe.
Items include: 4 - 0.031 gold measuring tips, 2 - ultra-miniature
test clips, 2- miniature test clips, 2- 2" (5cm) miniature test leads
and 2- 4" (10cm) miniature test leads.
Power Supply Accessories
TL-30
TL-5A
PR-70
TIP-70
Features
model
PR-70


Podobny numer części - LC210A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LC21003B ETC1-LC21003B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21005A ETC1-LC21005A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21006B ETC1-LC21006B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21010A ETC1-LC21010A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21011B ETC1-LC21011B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

Podobny opis - LC210A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
   Electronic DMM Test Lead Kit
5673B POMONA-5673B Datasheet
114Kb / 2P
   Electrical DMM Test Lead Kit
6530A POMONA-6530A Datasheet
64Kb / 1P
   Deluxe Automotive DMM Test Lead Kit
5904A POMONA-5904A Datasheet
144Kb / 2P
   Deluxe Electrical DMM Test Lead kit
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
5900A POMONA-5900A Datasheet
134Kb / 2P
   Basic Industrrial DMM Test Lead Kit
5672A POMONA-5672A Datasheet
87Kb / 2P
   Basic Electronic DMM Test Lead Kit
5901B POMONA-5901B Datasheet
119Kb / 2P
   Electronic Bench DMM Test Lead Kit
5903A POMONA-5903A Datasheet
149Kb / 2P
   Industrial / Automotive DMM Test Lead Kit
logo
Extech Instruments Corp...
MA620-K EXTECH-MA620-K Datasheet
568Kb / 1P
   Industrial DMM/Clamp Meter Test Kit
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com