Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4042BMS Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CD4042BMS
Szczegółowy opis  CMOS Quad Clocked “D” Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4042BMS Arkusz danych(HTML) 1 Page - Intersil Corporation

  CD4042BMS Datasheet HTML 1Page - Intersil Corporation CD4042BMS Datasheet HTML 2Page - Intersil Corporation CD4042BMS Datasheet HTML 3Page - Intersil Corporation CD4042BMS Datasheet HTML 4Page - Intersil Corporation CD4042BMS Datasheet HTML 5Page - Intersil Corporation CD4042BMS Datasheet HTML 6Page - Intersil Corporation CD4042BMS Datasheet HTML 7Page - Intersil Corporation CD4042BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-868
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4042BMS
CMOS Quad Clocked “D” Latch
Pinout
CD4042BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q4
Q1
Q1
D1
CLOCK
POLARITY
VSS
D2
VDD
D4
D3
Q3
Q3
Q2
Q2
Q4
NC = NO CONNECTION
4
7
13
14
5
6
16
8
2
3
10
9
11
12
1
15
CL
D1
D2
D3
D4
CLOCK
POLARITY
VDD
VSS
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Features
• High-Voltage Type (20V Rating)
• Clock Polarity Control
• Q and Q Outputs
• Common Clock
• Low Power TTL Compatible
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• 5V, 10V and 15V Parametric Ratings
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Buffer Storage
• Holding Register
• General Digital Logic
Description
CD4042BMS types contain four latch circuits, each strobed by a
common clock. Complementary buffered outputs are available
from each circuit. The impedance of the n- and p- channel output
devices is balanced and all outputs are electrically identical.
Information present at the data input is transferred to outputs Q
and Q during the CLOCK level which is programmed by the
POLARITY input. For POLARITY = 0 the transfer occurs during
the 0 CLOCK level and for POLARITY = 1 the transfer occurs
during the 1 CLOCK level. The outputs follow the data input
defined above are present. When a CLOCK transition occurs
(positive for POLARITY = 0 and negative for POLARITY = 1) the
information present at the input during the CLOCK transition is
retained at the outputs until an opposite CLOCK transition
occurs.
The CD4042BMS is supplied in these 16 lead outline packages:
Braze Seal DIP
H4T
Frit Seal DIP
H1E
Ceramic Flatpack
H6W
December 1992
File Number
3310


Podobny numer części - CD4042BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
   Quad Clocked D Latch
logo
Texas Instruments
CD4042BM TI-CD4042BM Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
CD4042BM TI1-CD4042BM Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
More results

Podobny opis - CD4042BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
CD4042B TI-CD4042B Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
   QUAD CLOCKED D LATCH
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
   Quad Clocked D Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
   QUAD CLOCKED LATCH
logo
Intersil Corporation
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
   CMOS Quad Clocked ?쏡??Latch
December 1992
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
   QUAD CLOCKED D LATCH
logo
Motorola, Inc
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
   Dual Clocked Latch
logo
KODENSHI_AUK CORP.
KK4042B KODENSHI-KK4042B Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4042B IKSEMICON-IW4042B Datasheet
235Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com