Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4053BMS Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części CD4053BMS
Szczegółowy opis  CMOS Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4053BMS Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button CD4053BMS Datasheet HTML 4Page - Intersil Corporation CD4053BMS Datasheet HTML 5Page - Intersil Corporation CD4053BMS Datasheet HTML 6Page - Intersil Corporation CD4053BMS Datasheet HTML 7Page - Intersil Corporation CD4053BMS Datasheet HTML 8Page - Intersil Corporation CD4053BMS Datasheet HTML 9Page - Intersil Corporation CD4053BMS Datasheet HTML 10Page - Intersil Corporation CD4053BMS Datasheet HTML 11Page - Intersil Corporation CD4053BMS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7-944
CD4051BMS, CD4052BMS, CD4053BMS
FIGURE 3. TYPICAL CHANNEL ON RESISTANCE vs INPUT
SIGNAL VOLATGE (ALL TYPES)
FIGURE 4. TYPICAL CHANNEL ON RESISTANCE vs INPUT
SIGNAL VOLTAGE (ALL TYPES)
FIGURE 5. TYPICAL ON CHARACTERISTICS FOR 1 OF 8
CHANNELS (CD4051BMS)
FIGURE 6. TYPICAL DYNAMIC POWER DISSIPATION vs
SWITCHING FREQUENCY (CD4051BMS)
FIGURE 7. TYPICAL DYNAMIC POWER DISSIPATION vs
SWITCHING FREQUENCY (CD4052BMS)
FIGURE 8. TYPICAL DYNAMIC POWER DISSIPATION vs
SWITCHING FREQUENCY (CD4053BMS)
Typical Performance Characteristics (Continued)
SUPPLY VOLTAGE (VDD - VEE) = 5V
AMBIENT TEMPERATURE
(TA) = +25
oC
600
500
400
300
200
100
0
-10.0 -7.5
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
15V
10V
SUPPLY VOLTAGE (VDD - VEE) = 15V
AMBIENT TEMPERATURE
(TA) = +125
oC
300
250
200
150
100
50
0
-10.0 -7.5
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
-55oC
+25oC
LOAD RESISTANCE
(RL) = 100k
Ω, 10kΩ
1500
100
1k
SUPPLY VOLTAGE (VDD) = 5V
VSS = 0V
VEE = -5V
AMBIENT TEMPERATURE (TA)
= +25oC
6
4
2
0
-2
-4
-6
-6
-4
-2
0
2
4
6
INPUT SIGNAL VOLTAGE (VIS) (V)
AMBIENT TEMPERATURE (TA)
ALTERNATING “O” AND
LOAD CAPICATANCE (CL)
= 50pF
“I” PATTERN
= +25oC
SUPPLY VOLTAGE
(VDD) (15V)
10V
10V
5V
CL = 15pF
TEST CIRCUIT
Ι
VDD
105
104
103
102
10
110102
103
104
105
f
B/D
CD4029
CD4051
CL
100
VDD
100
AB C
11 10 9
13
14
15
12
1
5
2
4
7
86
3
SWITCHING FREQUENCY (f) (kHz)
AMBIENT TEMPERATURE (TA)
ALTERNATING “O” AND
LOAD CAPICATANCE (CL)
= 50pF
“I” PATTERN
= +25oC
SUPPLY VOLTAGE
(VDD) (15V)
10V
10V
5V
CL = 15pF
TEST CIRCUIT
VDD
105
104
103
102
10
110102
103
104
105
f
B/D
CD4029
CD4051
CL
100
VDD
100
AB
10
9
1
5
2
4
1
6
7
8
3
SWITCHING FREQUENCY (f) (kHz)
13
12
14
15
11
Ι
AMBIENT TEMPERATURE (TA)
ALTERNATING “O” AND
LOAD CAPICATANCE (CL)
= 50pF
“I” PATTERN
= +25oC
SUPPLY VOLTAGE
(VDD) (15V)
10V
10V
5V
CL = 15pF
TEST CIRCUIT
105
104
103
102
10
110102
103
104
105
f
CD4051
CL
100
VDD
100
3
5
10
6
7
8
4
SWITCHING FREQUENCY (f) (kHz)
12
13
2
1
15
11
9
14
Ι


Podobny numer części - CD4053BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CD4053BMS RENESAS-CD4053BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
More results

Podobny opis - CD4053BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com