Zakładka z wyszukiwarką danych komponentów |
|
CD4078BM Arkusz danych(PDF) 7 Page - Intersil Corporation |
|
CD4078BM Arkusz danych(HTML) 7 Page - Intersil Corporation |
7 / 8 page 7-1044 CD4078BMS Typical Performance Characteristics FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT CHARACTERISTICS FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS FIGURE 7. TYPICAL TRANSITION TIME AS A FUNCTION OF LOAD CAPACITANCE FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A FUNCTION OF LOAD CAPACITANCE 10V 5V AMBIENT TEMPERATURE (TA) = +25 oC GATE-TO-SOURCE VOLTAGE (VGS) = 15V 0 5 10 15 15 10 5 20 25 30 DRAIN-TO-SOURCE VOLTAGE (VDS) (V) 10V 5V AMBIENT TEMPERATURE (TA) = +25 oC GATE-TO-SOURCE VOLTAGE (VGS) = 15V 0 5 10 15 7.5 5.0 2.5 10.0 12.5 15.0 DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -10V -15V AMBIENT TEMPERATURE (TA) = +25 oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V 0 -5 -10 -15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -20 -25 -30 0 -5 -10 -15 -10V -15V AMBIENT TEMPERATURE (TA) = +25 oC 0 -5 -10 -15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V) 0 -5 -10 -15 GATE-TO-SOURCE VOLTAGE (VGS) = -5V AMBIENT TEMPERATURE (TA) = +25 oC LOAD CAPACITANCE (CL) (pF) 0 40 60 80 100 20 0 50 100 150 200 SUPPLY VOLTAGE (VDD) = 5V 10V 15V LOAD CAPACITANCE (CL) (pF) 0 25 10 20 30 40 50 60 70 80 90 100 50 75 100 125 150 175 10V 15V AMBIENT TEMPERATURE (TA) = +25 oC SUPPLY VOLTAGE (VDD) = 5V |
Podobny numer części - CD4078BM |
|
Podobny opis - CD4078BM |