Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4556 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części CD4556
Szczegółowy opis  CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4556 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button CD4556 Datasheet HTML 2Page - Intersil Corporation CD4556 Datasheet HTML 3Page - Intersil Corporation CD4556 Datasheet HTML 4Page - Intersil Corporation CD4556 Datasheet HTML 5Page - Intersil Corporation CD4556 Datasheet HTML 6Page - Intersil Corporation CD4556 Datasheet HTML 7Page - Intersil Corporation CD4556 Datasheet HTML 8Page - Intersil Corporation CD4556 Datasheet HTML 9Page - Intersil Corporation CD4556 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
7-1254
CD4555BMS, CD4556BMS
TRUTH TABLE
INPUTS ENABLE SELECT
OUTPUTS CD4555BMS
OUTPUTS CD4556BMS
E
B
A
Q3Q2Q1Q0Q3Q2Q1Q0
00000011110
00100101101
01001001011
01110000111
1
X
X
0
0001111
X = Don’t Care
Logic 1
≡ High
Logic 0
≡ Low
Typical Performance Characteristics
FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V


Podobny numer części - CD4556

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4556B TI-CD4556B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4556B TI1-CD4556B Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4556B-MIL TI1-CD4556B-MIL Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4556BE TI-CD4556BE Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4556BE TI1-CD4556BE Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
More results

Podobny opis - CD4556

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI-CD4555B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4555BMS RENESAS-CD4555BMS Datasheet
412Kb / 11P
   CMOS Dual Binary to 1 of 4Decoder/Demultiplexers
December 1992
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com