Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3050KD-TL Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części SI-3050KD-TL
Szczegółowy opis  Surface-Mount, Low Current Consumption, Low Dropout Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI-3050KD-TL Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  SI-3050KD-TL Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3050KD-TL Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3050KD-TL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
76
ICs
1-1-4 Linear Regulator ICs
■Reference Data
•A higher heat radiation effect can be achieved by enlarging the copper laminate
area connected to the inner frame to which a monolithic ICs is mounted.
• Obtaining the junction temperature
Measure the case temperature TC with a thermocouple, etc. Then, substitute
this value in the following formula to obtain the junction temperature.
Tj=PD × θj–C + TC ( θj–C = 3°C/W) PD= (VIN–VO)•IOUT
Copper Laminate Area (on Glass-Epoxy Board) vs.
Thermal Resistance (from Junction to Ambient Temperature) (Typical Value)
55
50
45
40
35
30
0
200
400
600
800
1000
Copper Laminate Area (mm2)
1200
1400
1600
1800
When Using Glass-Epoxy Board of 40 × 40 mm
■Block Diagram
●SI-3010KD/SI-3012KD
●SI-3033KD/SI-3050KD
2
VIN
1
REF
VC
VO
ADJ
GND
5
3
4
TSD
-
+
2
VIN
1
REF
VC
Vo
Sense
GND
5
3
4
TSD
-
+
■Typical Connection Diagram
●SI-3033KD/SI-3050KD
●SI-3010KD/SI-3012KD
GND
3
VIN
CIN
2
VO
CO
4
VC
1
sense
5
+
+
D1*2
*1
Load
GND
3
VIN
CIN
R1
R2
2
VO
4
VC
1
ADJ
5
+
D1*2
CO
+
*1
R3
*3
Load
CIN:Input capacitor (22 µF or larger)
CO: Output capacitor
*1: SI-3012KD/3033KD (22 µF or larger)
Co has to be a low ESR capacitor such as a ceramic capacitor.
When using the electrolytic capacitor, oscillation may occur at a low temperature.
SI-3010KD/3050KD/ (47 µF or larger)
If a low ESR capacitor is used, oscillation may occur.
*2: D1: Reverse bias protection diode
This diode is required for protection against reverse biasing between the input
and output.
(Sanken SJPL-H2 is recommended.)
This diode is not required at VO ≤ 3.3V.
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2 as shown
above.
The recommended value for R2 is 10Ω (24kΩ for SI-3012KD).
R1=(VO–VADJ)÷(VADJ/R2)
*3: For SI-3010KD, insert R3 in case of setting VO to VO ≤ 1.5V.
The recommended value for R3 is 10kΩ.


Podobny numer części - SI-3050KD-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3050KD ALLEGRO-SI-3050KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3050KD SANKEN-SI-3050KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3050KD SANKEN-SI-3050KD Datasheet
94Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Podobny opis - SI-3050KD-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000LLSL SANKEN-SI-3000LLSL_11 Datasheet
70Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3018LSA SANKEN-SI-3018LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050LSA SANKEN-SI-3050LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033LSA SANKEN-SI-3033LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com