Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1048 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SD1048
Szczegółowy opis  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1048 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1048_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1048_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1048_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1048
Features
Large current capacity (IC=0.7A) and low-saturation voltage.
Complimentary to 2SB815
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
20
Collector - Emitter Voltage
VCEO
15
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
700
mA
Collector Current - Pulse
ICP
1.5
A
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
125
Storage Temperature Range
Tstg
-55 to 125
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
15
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 15 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.1
IC=5 mA, IB=0.5mA
10
25
IC=100 mA, IB=10mA
30
80
Base - emitter saturation voltage
VBE(sat) IC=100 mA, IB=10mA
1.2
V
hFE(1)
VCE= 2V, IC= 50mA
200
900
hFE(2)
VCE= 2V, IC= 500mA
80
Collector output capacitance
Cob
VCB= 10V, IE=0,f=1MHz
8
pF
Transition frequency
fT
VCE= 10V, IC= 50mA
250
MHz
DC current gain
V
uA
Collector-emitter saturation voltage
VCE(sat)
mV
Classification of hfe(1)
Type
2SD1048-X6
2SD1048-X7
2SD1048-X8
Range
200-400
300-600
450-900
Marking
X6
X7
X8


Podobny numer części - 2SD1048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
256Kb / 6P
   Bipolar Transistor
September, 2013
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SD1048-7 ONSEMI-2SD1048-7 Datasheet
256Kb / 6P
   Bipolar Transistor
September, 2013
2SD1048-7-TB-E ONSEMI-2SD1048-7-TB-E Datasheet
256Kb / 6P
   Bipolar Transistor
September, 2013
More results

Podobny opis - 2SD1048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com