Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8022 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD8022
Szczegółowy opis  Dual High Speed, Low Noise Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8022 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD8022_15 Datasheet HTML 2Page - Analog Devices AD8022_15 Datasheet HTML 3Page - Analog Devices AD8022_15 Datasheet HTML 4Page - Analog Devices AD8022_15 Datasheet HTML 5Page - Analog Devices AD8022_15 Datasheet HTML 6Page - Analog Devices AD8022_15 Datasheet HTML 7Page - Analog Devices AD8022_15 Datasheet HTML 8Page - Analog Devices AD8022_15 Datasheet HTML 9Page - Analog Devices AD8022_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
AD8022
Rev. C | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage (+VS to −VS)
26.4 V
Internal Power Dissipation1
8-Lead SOIC (R)
1.6 W
8-Lead MSOP (RM)
1.2 W
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±0.8 V
Output Short-Circuit Duration
Observe Power Derating Curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
(A Grade)
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
1 Specification is for the device in free air:
8-Lead SOIC: θJA = 160°C/W.
8-Lead MSOP: θJA = 200°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8022 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass
transition temperature of the plastic, approximately 150°C.
Temporarily exceeding this limit may cause a shift in
parametric performance due to a change in the stresses exerted
on the die by the package. Exceeding a junction temperature of
175°C for an extended period can result in device failure.
While the AD8022 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction
temperature (150°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the
maximum power derating curves.
AMBIENT TEMPERATURE (
°C)
2.0
1.5
1.0
0.5
0
–50 –40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90
TJ = 150°C
8-LEAD SOIC PACKAGE
8-LEAD MSOP
Figure 3. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD8022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8022AR AD-AD8022AR Datasheet
223Kb / 15P
   Dual High-Speed Low-Noise Op Amps
REV. 0
AD8022AR AD-AD8022AR Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-EVAL AD-AD8022AR-EVAL Datasheet
223Kb / 15P
   Dual High-Speed Low-Noise Op Amps
REV. 0
AD8022AR-REEL AD-AD8022AR-REEL Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-REEL7 AD-AD8022AR-REEL7 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
More results

Podobny opis - AD8022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com