Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HA-2842 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części HA-2842
Szczegółowy opis  Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2842 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button HA-2842 Datasheet HTML 2Page - Intersil Corporation HA-2842 Datasheet HTML 3Page - Intersil Corporation HA-2842 Datasheet HTML 4Page - Intersil Corporation HA-2842 Datasheet HTML 5Page - Intersil Corporation HA-2842 Datasheet HTML 6Page - Intersil Corporation HA-2842 Datasheet HTML 7Page - Intersil Corporation HA-2842 Datasheet HTML 8Page - Intersil Corporation HA-2842 Datasheet HTML 9Page - Intersil Corporation HA-2842 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3-235
HA-2842/883
Test Circuit (Applies to Table 1)
Test Waveforms
SIMPLIFIED TEST CIRCUIT FOR LARGE AND SMALL SIGNAL RESPONSE (Applies to Table 3)
MEASURED LARGE SIGNAL RESPONSE
Vertical Scale: Input = 5V/Div., Output = 5V/Div.
Horizontal Scale: 50ns/Div.
MEASURED SMALL SIGNAL RESPONSE
Vertical Scale: Input = 100mV/Div., Output = 100mV/Div.
Horizontal Scale: 50ns/Div.
S6A
1
100
S5
1
+
1
2
3
S8
1K
V-
OPEN
S9
1
2
1
V2
EOUT
1
1K
S1
S2
S6B
1
1
0.1
100K
FOR LOOP STABILITY,
USE MIN VALUE CAPACITOR
TO PREVENT OSCILLATION
OPEN
OPEN
1K
10K
BUFFER
OPEN
OPEN
2 AC OUT
2
OPEN
100K
V1
DUT
V+
BAL
ADJ
FB
ALL RESISTORS =
±1% (Ω)
ALL CAPACITORS =
±10% (µF)
1
0.1
1
2
2K
100K
100K
2K
S7A
S7B
1
2
1
2
1
2
100
10K
+
-
-1
2
22
-
VIN
VOUT
50
500
VS = ±15V
AV = +2
CL ≤ 10pF
500
INPUT
OUTPUT
INPUT
OUTPUT
Spec Number
511088-883


Podobny numer części - HA-2842

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
More results

Podobny opis - HA-2842

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com