Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8698 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8698
Szczegółowy opis  Dual Precision, Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8698 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8698_15 Datasheet HTML 5Page - Analog Devices AD8698_15 Datasheet HTML 6Page - Analog Devices AD8698_15 Datasheet HTML 7Page - Analog Devices AD8698_15 Datasheet HTML 8Page - Analog Devices AD8698_15 Datasheet HTML 9Page - Analog Devices AD8698_15 Datasheet HTML 10Page - Analog Devices AD8698_15 Datasheet HTML 11Page - Analog Devices AD8698_15 Datasheet HTML 12Page - Analog Devices AD8698_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8698
Rev. 0 | Page 9 of 20
14.60
14.65
14.70
14.75
14.80
14.85
14.90
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
IL = 5mA
VOH
–VOL
Figure 20. Output Voltage Swing vs. Temperature
–30
–20
–10
0
10
20
30
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 21.
∆ Offset Voltage vs. Temperature
120
125
130
135
140
145
150
155
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 22. CMRR vs. Temperature
130
132
134
136
138
140
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 23. PSRR vs. Temperature
–100
–50
0
50
100
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 24.
∆ Input Bias Current vs. Temperature
0
1
2
3
4
5
6
LOAD CURRENT (mA)
5
010
15
20
VS = ±15V
VOL
VOH
Figure 25.
∆ Output Voltage Swing from Rails vs. Load Current


Podobny numer części - AD8698_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8698AR AD-AD8698AR Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698AR-REEL AD-AD8698AR-REEL Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698AR-REEL7 AD-AD8698AR-REEL7 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698ARM-R2 AD-AD8698ARM-R2 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698ARM-REEL AD-AD8698ARM-REEL Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
More results

Podobny opis - AD8698_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com