Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8698 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8698
Szczegółowy opis  Dual Precision, Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8698 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8698_15 Datasheet HTML 7Page - Analog Devices AD8698_15 Datasheet HTML 8Page - Analog Devices AD8698_15 Datasheet HTML 9Page - Analog Devices AD8698_15 Datasheet HTML 10Page - Analog Devices AD8698_15 Datasheet HTML 11Page - Analog Devices AD8698_15 Datasheet HTML 12Page - Analog Devices AD8698_15 Datasheet HTML 13Page - Analog Devices AD8698_15 Datasheet HTML 14Page - Analog Devices AD8698_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8698
Rev. 0 | Page 11 of 20
VS = ±2.5V
VIN = 200mV p-p
CL = 1nF
TIME (100
µs/DIV)
Figure 32. Small Signal Transient Response
0
10
20
30
40
50
VS = ±2.5V
VIN = 200mV
AV = 1
1000
1500
0
500
2000
2500
3000
CAPACITIVE LOAD (pF)
Figure 33. Overshoot vs. Load Capacitance
VS = ±2.5V
VIN = 200mV p-p
AV = –100
TIME (4
µs/DIV)
VIN
–200
0
0
2.5
VOUT
Figure 34. Positive Overvoltage Recovery
VS = ±2.5V
VIN = 200mV p-p
AV = –100
TIME (4
µs/DIV)
VIN
0
200
–2.5
0
VOUT
Figure 35. Negative Overvoltage Recovery
0
20
40
60
80
100
120
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±2.5V
Figure 36. CMRR vs. Frequency
0
20
40
60
80
100
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±2.5V
+PSRR
–PSRR
Figure 37. PSRR vs. Frequency


Podobny numer części - AD8698_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8698AR AD-AD8698AR Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698AR-REEL AD-AD8698AR-REEL Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698AR-REEL7 AD-AD8698AR-REEL7 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698ARM-R2 AD-AD8698ARM-R2 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698ARM-REEL AD-AD8698ARM-REEL Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
More results

Podobny opis - AD8698_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com