Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9000 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9000
Szczegółowy opis  HIGH SPEED 6 BIT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9000 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9000_15 Datasheet HTML 1Page - Analog Devices AD9000_15 Datasheet HTML 2Page - Analog Devices AD9000_15 Datasheet HTML 3Page - Analog Devices AD9000_15 Datasheet HTML 4Page - Analog Devices AD9000_15 Datasheet HTML 5Page - Analog Devices AD9000_15 Datasheet HTML 6Page - Analog Devices AD9000_15 Datasheet HTML 7Page - Analog Devices AD9000_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD9000
–4–
REV. A
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9000 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DIE LAYOUT
MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . 129
× 217 × 15 (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . 10,000Å Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Passivation . . . . . . . . . . . . . . . . . . . . . . . . 10,000Å Oxynitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic
Bond Wire . . . . . . . . 1.25 mil Aluminum; Ultrasonic Bonding
or 1 mil Gold; Gold Ball Bonding
ORDERING GUIDE
1
Temperature
Package
Device
Range
Description
Option
2
AD9000JD
0
°C to +70°C
16-Pin DIP, Industrial
D-16
AD9000SD
–55
°C to +125°C
16-Pin DIP
D-16
AD9000SE
–55
°C to +125°C
28-Pin LCC
E-28A
NOTES
1MIL-STD-883 versions available, contact factory.
2D = Ceramic DIP; E = Leadless Ceramic Chip Carrier.
PIN DESIGNATIONS
PIN DESCRIPTIONS
Pin Name
Description
–VS
Negative supply terminal, nominally –5.2 V.
ANALOG GROUND
Analog ground return. All grounds should be connected together near the AD9000.
VH
The hysteresis control voltage varies the comparator hysteresis from 15 mV to 50 mV, for a change of 0 V
to +3 V at the hysteresis control pin.
ENCODE
The ENCODE pin controls the conversion cycle. Encode is rising edge sensitive and should be driven
with a 50% duty-cycle waveform under normal conditions.
–VREF
The most negative reference voltage for the internal resistor ladder.
AIN
Analog input pin.
+VS
Positive supply terminal, nominally +5.0 V.
+VREF
Most positive reference voltage of the internal resistor ladder.
BIT 6 (LSB)
One of six digital outputs. BIT 6 (LSB) is the least-significant-bit of the digital output.
BIT 5 – BIT 2
One of six digital outputs.
BIT 1 (MSB)
One of six digital outputs. BIT 1 (MSB) is the most-significant-bit of the digital output.
OVERFLOW
Overflow data output. Logic high indicates an input overvoltage (AIN ≥ +VREF).
DIGITAL GROUND
Digital ground return. All grounds should be connected together near the AD9000.


Podobny numer części - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000JD AD-AD9000JD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SD AD-AD9000SD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SE AD-AD9000SE Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
More results

Podobny opis - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com