Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9000 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9000
Szczegółowy opis  HIGH SPEED 6 BIT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9000 Arkusz danych(HTML) 7 Page - Analog Devices

  AD9000_15 Datasheet HTML 1Page - Analog Devices AD9000_15 Datasheet HTML 2Page - Analog Devices AD9000_15 Datasheet HTML 3Page - Analog Devices AD9000_15 Datasheet HTML 4Page - Analog Devices AD9000_15 Datasheet HTML 5Page - Analog Devices AD9000_15 Datasheet HTML 6Page - Analog Devices AD9000_15 Datasheet HTML 7Page - Analog Devices AD9000_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD9000
–7–
REV. A
TYPICAL APPLICATION
The AD9000 is a relatively flexible device that can be config-
ured in a number of ways. One very useful feature of the
AD9000 is the open emitter outputs. The open emitters allow
the outputs of several AD9000s to be OR-wired in stacking
applications for increased resolution. This kind of application
depends on the return-to-zero nature of the output bits when
AIND
≥ + V
REF (overflow). In circuits that employ only one
AD9000, this is not always an advantage. The circuit below
illustrates one method of converting the outputs to nonreturn-
to-zero.
The 10197 (standard 10K ECL logic) hex-AND group senses
the active OVERFLOW output and forces all other bits to logic
HIGH. The 10151 latch is not required for AD9000 applica-
tions, but it may ease data transfer sensitivities in asynchronous
data collection systems.
The reference driver circuits should provide a low source im-
pedance to prevent noise on the reference inputs from affecting
the AD9000’s accuracy. This is accomplished to a large extent
by adequately decoupling the reference pins to ground. An
improved method is employed below. The reference voltages
(+VREF, –VREF) are buffered by a transistor/amplifier combina-
tion. This has the advantages of wide bandwidth (hence low
impedance over a wide frequency range to eliminate high
frequency noise components), and improved temperature
stability.
Figure 6.


Podobny numer części - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000JD AD-AD9000JD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SD AD-AD9000SD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SE AD-AD9000SE Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
More results

Podobny opis - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com