Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9000 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9000
Szczegółowy opis  HIGH SPEED 6 BIT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9000 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9000_15 Datasheet HTML 1Page - Analog Devices AD9000_15 Datasheet HTML 2Page - Analog Devices AD9000_15 Datasheet HTML 3Page - Analog Devices AD9000_15 Datasheet HTML 4Page - Analog Devices AD9000_15 Datasheet HTML 5Page - Analog Devices AD9000_15 Datasheet HTML 6Page - Analog Devices AD9000_15 Datasheet HTML 7Page - Analog Devices AD9000_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9000
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
High Speed
6-Bit A/D Converter
FUNCTIONAL BLOCK DIAGRAM
FEATURES
77 MSPS Encode Rate
Bipolar Input Range
Low Error Rate
Overflow Bit
MIL-STD-883 Compliant Versions Available
APPLICATIONS
QAM Telecommunications
Electronic Warfare (ECM, ECCM, ESM)
Radar Guidance Digitizers
GENERAL DESCRIPTION
The AD9000 is a 6-bit, high speed, analog-to-digital converter
with ECL compatible outputs and a bipolar input stage. The
AD9000 is fabricated in a high performance bipolar process that
allows encode rates up to 77 MSPS.
The AD9000 employs the standard flash converter architecture
based on 64 individual comparators which simultaneously
determine the precise analog signal level. The comparators are
followed by two stages of decoding logic, allowing the AD9000
to operate with a very low error rate. The low 35 pF input
capacitance of the AD9000 greatly simplifies the analog driver
stage. An overflow output bit is also incorporated into the
AD9000 design as is a hysteresis control pin to modify compara-
tor sensitivity.
The AD9000 is offered as both a commercial temperature range
device, 0
°C to +70°C, and as an extended temperature range
device, –55
°C to +125°C. Both versions are available packaged
in a 16-pin ceramic DIP. The extended temperature range
device is also available in a 28-pin ceramic LCC package. The
extended temperature range versions are offered as fully compli-
ant MIL-STD-883 Class B devices.


Podobny numer części - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000JD AD-AD9000JD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SD AD-AD9000SD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SE AD-AD9000SE Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
More results

Podobny opis - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com