Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9000 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9000
Szczegółowy opis  HIGH SPEED 6 BIT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9000 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9000_15 Datasheet HTML 1Page - Analog Devices AD9000_15 Datasheet HTML 2Page - Analog Devices AD9000_15 Datasheet HTML 3Page - Analog Devices AD9000_15 Datasheet HTML 4Page - Analog Devices AD9000_15 Datasheet HTML 5Page - Analog Devices AD9000_15 Datasheet HTML 6Page - Analog Devices AD9000_15 Datasheet HTML 7Page - Analog Devices AD9000_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD9000–SPECIFICATIONS
–2–
REV. A
ELECTRICAL CHARACTERISTICS
Commercial
Military
0 C to +70 C
–55 C to +125 C
AD9000JD
AD9000SD/SE
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
6
6
Bits
DC ACCURACY
Differential Linearity
+25
°C
0.25
0.5
0.25
0.5
LSB
Full
1.0
1.0
LSB
Integral Linearity
+25
°C
0.25
0.5
0.25
0.5
LSB
Full
1.0
1.0
LSB
No Missing Codes
Full
GUARANTEED
GUARANTEED
INITIAL OFFSET ERROR
Top of Reference Ladder
+25
°C
0.3
7/8
0.3
7/8
LSB
Full
1.5
1.5
LSB
Bottom of Reference Ladder
+25
°C
0.25
7/8
0.25
7/8
LSB
Full
1.5
1.5
LSB
Offset Drift Coefficient
Full
145
145
µV/°C
ANALOG INPUT
Input Voltage Range
Full
±2.0 V
±2.0 V
V
Input Bias Current (Sampling)
1
Full
800
800
µA
Input Bias Current (Latched)
1
Full
20
20
µA
Input Resistance
+25
°C
3.0
3.0
k
Input Capacitance
+25
°C35
50
35
50
pF
Full Power Bandwidth
2
+25
°C
20
20
MHz
REFERENCE INPUT
3, 4
Reference Ladder Resistance
+25
°C
80
200
80
200
Ladder Temperature Coefficient
0.275
0.275
Ω/°C
Reference Input Bandwidth
+25
°C
20
20
MHz
DYNAMIC PERFORMANCE
5
Conversion Rate
+25
°C
5070
7577
MHz
Conversion Time (+ 1 Clock)
+25
°C
20
13.3
ns
Aperture Delay (tD)
+25
°C2
2
ns
Aperture Uncertainty (Jitter)
+25
°C25
25
ps
Output Propagation Delay (tPD)
6
+25
°C8
12
8
12
ns
Output Hold Time (tOH)
7
+25
°C8
14
8
14
ns
Transient Response
8
+25
°C13
13
ns
Overvoltage Recovery Time9
+25
°C11
11
ns
Output Rise Time
10
+25
°C
5.0
4.5
ns
Output Fall Time
10
+25
°C
5.0
4.5
ns
Output Time Skew
+25
°C
0.4
0.4
ns
ENCODE INPUT
Logic “l” Voltage
Full
–1.1
–1.1
V
Logic “0” Voltage
Full
–1.5
–1.5
V
Logic “1” Current
Full
100
100
µA
Logic “0” Current
Full
100
100
µA
Input Capacitance
+25
°C
2.5
5.0
2.5
5.0
pF
ENCODE Pulse Width High (tPWH)
+25
°C
6.6
6.6
ns
ENCODE Pulse Width Low (tPWL)
+25
°C
6.6
6.6
ns
(Supply Voltages = –5.2 V and +5.0 V; Differential Reference Voltage = 2.0 V
unless otherwise noted)


Podobny numer części - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000JD AD-AD9000JD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SD AD-AD9000SD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SE AD-AD9000SE Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
More results

Podobny opis - AD9000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com