Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9002 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9002
Szczegółowy opis  High Speed 8-Bit Monolithic A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9002 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9002_15 Datasheet HTML 1Page - Analog Devices AD9002_15 Datasheet HTML 2Page - Analog Devices AD9002_15 Datasheet HTML 3Page - Analog Devices AD9002_15 Datasheet HTML 4Page - Analog Devices AD9002_15 Datasheet HTML 5Page - Analog Devices AD9002_15 Datasheet HTML 6Page - Analog Devices AD9002_15 Datasheet HTML 7Page - Analog Devices AD9002_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. G
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
a
AD9002
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
High Speed 8-Bit
Monolithic A/D Converter
FUNCTIONAL BLOCK DIAGRAM
256
255
128
127
2
1
D
E
C
O
D
I
N
G
L
O
G
I
C
L
A
T
C
H
R
R
R
R/2
R/2
R
R
OVERFLOW
INH
ANALOG IN
+VREF
REFMID
–VREF
ENCODE
ENCODE
GND
HYSTERESIS
–VS
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8 (MSB)
OVERFLOW
AD9002
BIT 1 (LSB)
FEATURES
150 MSPS ENCODE Rate
Low Input Capacitance: 17 pF
Low Power: 750 mW
–5.2 V Single Supply
MIL-STD-883 Compliant Versions Available
APPLICATIONS
Radar Systems
Digital Oscilloscopes/ATE Equipment
Laser/Radar Warning Receivers
Digital Radio
Electronic Warfare (ECM, ECCM, ESM)
Communication/Signal Intelligence
GENERAL DESCRIPTION
The AD9002 is an 8-bit, high speed, analog-to-digital converter.
The AD9002 is fabricated in an advanced bipolar process that
allows operation at sampling rates in excess of 150 MSPS. Func-
tionally, the AD9002 is comprised of 256 parallel comparator
stages whose outputs are decoded to drive the ECL compatible
output latches.
An exceptionally wide, large signal, analog input bandwidth of
160 MHz is due to an innovative comparator design and very
close attention to device layout considerations. The wide input
bandwidth of the AD9002 allows very accurate acquisition of
high speed pulse inputs without an external track-and-hold. The
comparator output decoding scheme minimizes false codes,
which is critical to high speed linearity.
The AD9002 provides an external hysteresis control pin that
can be used to optimize comparator sensitivity to further improve
performance. Additionally, the AD9002’s low power dissipation
of 750 mW makes it usable over the full extended temperature
range. The AD9002 also incorporates an overflow bit to indicate
overrange inputs. This overflow output can be disabled with the
overflow inhibit pin.
The AD9002 is available in two grades, one with 0.5 LSB linearity
and one with 0.75 LSB linearity. Both versions are offered in an
industrial grade, –25
°C to +85°C, packaged in a 28-lead DIP
and a 28-leaded JLCC. The military temperature range devices,
–55
°C to +125°C, are available in a ceramic DIP package and
complies with MIL-STD-883 Class B.


Podobny numer części - AD9002_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9002AD AD-AD9002AD Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002AJ AD-AD9002AJ Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002BD AD-AD9002BD Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002BJ AD-AD9002BJ Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002SD/883B AD-AD9002SD/883B Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
More results

Podobny opis - AD9002_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9002 AD-AD9002 Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com