Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9002 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9002
Szczegółowy opis  High Speed 8-Bit Monolithic A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9002 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9002_15 Datasheet HTML 1Page - Analog Devices AD9002_15 Datasheet HTML 2Page - Analog Devices AD9002_15 Datasheet HTML 3Page - Analog Devices AD9002_15 Datasheet HTML 4Page - Analog Devices AD9002_15 Datasheet HTML 5Page - Analog Devices AD9002_15 Datasheet HTML 6Page - Analog Devices AD9002_15 Datasheet HTML 7Page - Analog Devices AD9002_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. G
AD9002
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (–VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . –6 V
Analog-to-Digital Supply Voltage Differential . . . . . . . . 0.5 V
Analog Input Voltage . . . . . . . . . . . . . . . . . . . . –VS to +0.5 V
Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . . . –VS to 0 V
Reference Input Voltage (+VREF, – VREF)
2 . . . –3.5 V to +0.1 V
Differential Reference Voltage . . . . . . . . . . . . . . . . . . . . 2.1 V
Reference Midpoint Current . . . . . . . . . . . . . . . . . . . .
±4 mA
ENCODE to
ENCODE Differential Voltage . . . . . . . . . . . 4 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature Range
AD9002AD/BD/AJ/BJ . . . . . . . . . . . . . . .
–25
°C to +85°C
AD9002SD/TD . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature
3
. . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . 300
°C
NOTES
1Absolute Maximum Ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect device
reliability.
2+V
REF
≥ –V
REF under all circumstances.
3Maximum junction temperature (T
J max) should not exceed 175
°C for ceramic
packages, and 150
°C for plastic packages:
TJ = PD (
θ
JA) + TA
= PD (
θ
JC) + TC
where
PD = power dissipation
θ
JA = thermal impedance from junction to ambient (
°C/W)
θ
JC = thermal impedance from junction to case (
°C/W)
TA = ambient temperature (
°C)
TC = case temperature (
°C)
Typical thermal impedances are:
Ceramic DIP
θ
JA = 56
°C/W; θ
JC = 20
°C/W
PLCC
θ
JA = 60
°C/W; θ
JC = 19
°C/W
Recommended Operating Conditions
Input Voltage (V)
Parameter
Min
Nominal
Max
–VS
–5.46
–5.20
–4.94
+VREF
–VREF
0.0
+0.1
–VREF
–2.1
–2.0
+VREF
Analog Input
–VREF
+VREF
EXPLANATION OF TEST LEVELS
Test Level I
100% production tested.
Test Level II
100% production tested at 25
°C and sample
tested at specified temperatures.
Test Level III –
Sample tested only.
Test Level IV –
Parameter is guaranteed by design and
characterization testing.
Test Level V
Parameter is a typical value only.
Test Level VI –
All devices are 100% production tested at
25
°C. 100% production tested at temperature
extremes for extended temperature devices;
sample tested at temperature extremes for
commercial/industrial devices.
ORDERING GUIDE
Package
Model
Linearity
Temperature Range Option
*
AD9002AD
0.75 LSB
–25
°C to +85°C
D-28
AD9002BD
0.50 LSB
–25
°C to +85°C
D-28
AD9002AJ
0.75 LSB
–25
°C to +85°C
J-28
AD9002BJ
0.50 LSB
–25
°C to +85°C
J-28
AD9002SD/883B 0.75 LSB
–55
°C to +125°C
D-28
AD9002TD/883B 0.50 LSB
–55
°C to +125°C
D-28
*D = Ceramic DIP; J = Ceramic Chip Carrier, J-Formed Leads.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9002 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Podobny numer części - AD9002_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9002AD AD-AD9002AD Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002AJ AD-AD9002AJ Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002BD AD-AD9002BD Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002BJ AD-AD9002BJ Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD9002SD/883B AD-AD9002SD/883B Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
More results

Podobny opis - AD9002_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9002 AD-AD9002 Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com