Zakładka z wyszukiwarką danych komponentów |
|
AD9020 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD9020 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 12 page AD9020 –8– REV. C Figure 5 shows a reference circuit that nulls out the offset errors using two op amps, and provides appropriate voltage references to the quarter-point taps. Feedback from the sense lines causes the op amps to compensate for the offset errors. The two tran- sistors limit the amount of current drawn directly from the op amps; resistors at the base connections stabilize their operation. The 10 k Ω resistors (R1–R4) between the voltage sense lines form an external resistor ladder; the quarter point voltages are taken off this external ladder and buffered by an op amp. The actual values of resistors R1–R4 are not critical, but they should match well and be large enough ( ≥10 kΩ) to limit the amount of current drawn from the voltage sense lines. The select resistors (RS) shown in the schematic (each pair can be a potentiometer) are chosen to adjust the quarter-point voltage references, but are not necessary if R1–R4 match within 0.05%. An alternative approach for defining the quarter-point references of the resistor ladder is to evaluate the integral linearity error of an individual device, and adjust the voltage at the quarter-points to minimize this error. This may improve the low frequency ac performance of the converter. Performance of the AD9020 has been optimized with an analog input voltage of ±1.75 V (as measured at ±V SENSE). If the analog input range is reduced below these values, relatively larger differ- ential nonlinearity errors may result because of comparator mismatches. As shown in Figure 4, performance of the converter is a function of ±VSENSE. VSENSE – Volts 0.4 32 38 44 50 56 62 0.6 0.8 1.0 1.2 1.4 1.8 2.0 1.6 5.0 6.0 7.0 8.0 9.0 10.0 Figure 4. SNR and ENOB vs. Reference Voltage Applying a voltage greater than 4 V across the internal resistor ladder will cause current densities to exceed rated values, and may cause permanent damage to the AD9020. The design of the reference circuit should limit the voltage available to the references. Analog Input Signal The signal applied to ANALOG IN drives the inputs of 512 parallel comparator cells (see Figure 6). This connection typi- cally has an input resistance of 7 k Ω, and input capacitance of 45 pF. The input capacitance is nearly constant over the ana- log input voltage range, as shown in the graph that illustrates that characteristic. The analog input signal should be driven from a low-distortion, low-noise amplifier. A good choice is the AD9617, a wide bandwidth, monolithic operational amplifier with excellent ac and dc performance. The input capacitance should be isolated by a small series resistor (24 Ω for the AD9617) to improve the ac performance of the amplifier (see Figure 14). |
Podobny numer części - AD9020_15 |
|
Podobny opis - AD9020_15 |