Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9020 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9020
Szczegółowy opis  10-Bit 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9020 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9020_15 Datasheet HTML 4Page - Analog Devices AD9020_15 Datasheet HTML 5Page - Analog Devices AD9020_15 Datasheet HTML 6Page - Analog Devices AD9020_15 Datasheet HTML 7Page - Analog Devices AD9020_15 Datasheet HTML 8Page - Analog Devices AD9020_15 Datasheet HTML 9Page - Analog Devices AD9020_15 Datasheet HTML 10Page - Analog Devices AD9020_15 Datasheet HTML 11Page - Analog Devices AD9020_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9020
–11–
REV. C
INPUT FREQUENCY – MHz
1
10
100
20
26
32
38
44
56
62
4.0
5.0
6.0
7.0
8.0
9.0
50
10.0
ENCODE RATE = 40MSPS
25 C
55 C & 125 C
200
Figure 10. SNR and ENOB vs. Input Frequency
INPUT FREQUENCY – MHz
1
10
100
70
65
60
55
50
40
35
45
25 C
–55 C
30
125 C
Figure 11. Harmonics vs. Input Frequency
Table I. Truth Table
Offset Binary
Two’s Complement
Range
True
Inverted
True
Inverted
0
= –1.75 V
MSB INV = “0”
MSB INV = “1”
MSB INV = “1”
MSB INV = “0”
Step
FS = +1.75 V
LSBs INV = “0”
LSBs INV = “1”
LSBs INV = “0”
LSBs INV = “1”
1024
> +1.7500
(1)1111111111
(1)0000000000
(1)0111111111
(1)1000000000
1023
+1.7466
1111111111
0000000000
0111111111
1000000000
1022
+1.7432
1111111110
0000000001
0111111110
1000000001
••
••
••
512
+0.0034
1000000000
0111111111
0000000000
1111111111
511
0.000
0111111111
1000000000
1111111111
0000000000
510
–0.0034
0111111110
1000000001
1111111110
0000000001
••
••
••
02
–1.7432
0000000010
1111111101
1000000010
0111111101
01
–1.7466
0000000001
1111111110
1000000001
0111111110
00
<–1.7466
0000000000
1111111111
1000000000
0111111111
The overflow bit is always 0 except where noted in parentheses ( ). MSB INVERT and LSBs INVERT are considered dc controls.
CONVERSION RATE – MSPS
1
10
100
20
26
32
38
44
56
62
50
ANALOG INPUT = 2.3MHz
4.0
5.0
6.0
7.0
9.0
10.0
8.0
Figure 12. SNR and ENOB vs. Conversion Rate
43
44
45
46
47
48
49
50
–1.8
ANALOG INPUT (AIN) – Volts
–1.2
–0.6
0
0.6
1.2
1.8
0
10
20
30
40
50
60
70
RESISTANCE
CAPACITANCE
Figure 13. Input Capacitance/Resistance vs. Input Voltage


Podobny numer części - AD9020_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9020/PCB AD-AD9020/PCB Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020JE AD-AD9020JE Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020JZ AD-AD9020JZ Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020KE AD-AD9020KE Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020KZ AD-AD9020KZ Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
More results

Podobny opis - AD9020_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com