Zakładka z wyszukiwarką danych komponentów |
|
AD9040A Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD9040A Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 16 page REV. D –4– AD9040A ABSOLUTE MAXIMUM RATINGS 1 ±V S . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±7 V VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to +VS Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +VS VREF Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +VS Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Operating Temperature AD9040AJN/AD9040AJR . . . . . . . . . . . . . . . . . 0 °C to 70°C Storage Temperature . . . . . . . . . . . . . . . . . –65 °C to +150°C ORDERING GUIDE Model Temperature Range Package Description Package Option AD9040AJN 0 °C to 70°C 28-Lead PDIP N-28 AD9040AJR 0 °C to 70°C 28-Lead SOIC Package R-28 AD9040AJR-REEL 0 °C to 70°C 28-Lead SOIC Package R-28 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9040A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. N N + 1 NO. 2 NO. 3 ENCODE N – 1 N – 2 N – 3 t A t EH t EL t PD AIN DIGITAL OUTPUTS APERTURE DELAY DESCRIPTION SYMBOL PULSEWIDTH HIGH PULSEWIDTH LOW OUTPUT PROP DELAY t A tEH t EL t PD 1.9ns 10ns 10ns 7.5ns 100ns 12ns MIN TYP MAX 10ns 100ns Figure 1. Timing Diagram Maximum Junction Temperature 2 (JN/JR Suffixes) . . . . 150 °C Lead Soldering Temp (10 sec) . . . . . . . . . . . . . . . . . . . . 300 °C NOTES 1Absolute maximum ratings are limiting values to be applied individually and beyond which the serviceability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2Typical thermal impedances (parts soldered to board): N Package (PDIP): JA = 42 °C/W; JC = 10 °C/W. R Package (SOIC): JA = 47 °C/W; JC = 10 °C/W. |
Podobny numer części - AD9040A_15 |
|
Podobny opis - AD9040A_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |