Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9040A Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9040A
Szczegółowy opis  10-Bit 40 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9040A Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9040A_15 Datasheet HTML 3Page - Analog Devices AD9040A_15 Datasheet HTML 4Page - Analog Devices AD9040A_15 Datasheet HTML 5Page - Analog Devices AD9040A_15 Datasheet HTML 6Page - Analog Devices AD9040A_15 Datasheet HTML 7Page - Analog Devices AD9040A_15 Datasheet HTML 8Page - Analog Devices AD9040A_15 Datasheet HTML 9Page - Analog Devices AD9040A_15 Datasheet HTML 10Page - Analog Devices AD9040A_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. D
Typical Performance Characteristics–AD9040A
–7–
CLOCK RATE (MSPS)
0.4
1
0.6
0.8
1.0
1.2
24
6
10
20
40
60
TPC 1. Power Dissipation
vs. Clock Rate
CLOCK RATE (MSPS)
0
0
0.5
10
20
30
40
1.0
TPC 4. Differential Nonlinearity
vs. Clock Rate
TEMPERATURE ( C)
40
–35
5
45
125
60
–15
25
85
–55
65
105
55
50
45
AIN = 10.3MHz
ENCODE = 32.2MSPS
ENCODE = 40.5MSPS
TPC 7. SNR vs. Temperature
FREQUENCY (MHz)
–48
1
–53
–58
–63
–68
24
6
10
2040 60
–73
60
42
66
48
54
100
ENCODE = 40.5MSPS
HARMONIC
DISTORTION
SNR
TPC 2. Harmonic Distortion
and SNR vs. Analog Input
0
1024
896
768
640
512
384
256
128
TIME (ns)
05
10
15
20
25
30
35
40
45
50
TPC 5. Transient Response
FREQUENCY (MHz)
8.0
16.1
0
0
–65
ENCODE = 32.2MSPS
ANALOG IN = 2.3MHz
SNR = 56.79dB
SNR (w/o har.) = 57.58dB
SECOND HARMONIC = –68.5dB
THIRD HARMONIC = 80.7dB
TPC 8. FFT Response
CLOCK RATE (MSPS)
42
4
48
54
60
66
12
20
28
36
AIN = 10.3MHz
TPC 3. SNR vs. Clock Rate
TIME (ns)
0
1024
05
10
15
20
25
30
35
40
45
50
992
960
928
96
64
32
TPC 6. Transient Response
(Expanded View)
FREQUENCY (MHz)
8.0
16.1
0
0
–65
ENCODE = 32.2MSPS
ANALOG IN = 10.3MHz
SNR = 55.37dB
SNR (w/o har.) = 56.77dB
SECOND HARMONIC = –63.3dB
THIRD HARMONIC = –75.4dB
TPC 9. FFT Response


Podobny numer części - AD9040A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9040A/PCB AD-AD9040A/PCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040A/PWB AD-AD9040A/PWB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJN AD-AD9040AJN Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJR AD-AD9040AJR Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040APCB AD-AD9040APCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9040A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com