Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9040A Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9040A
Szczegółowy opis  10-Bit 40 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9040A Arkusz danych(HTML) 2 Page - Analog Devices

  AD9040A_15 Datasheet HTML 1Page - Analog Devices AD9040A_15 Datasheet HTML 2Page - Analog Devices AD9040A_15 Datasheet HTML 3Page - Analog Devices AD9040A_15 Datasheet HTML 4Page - Analog Devices AD9040A_15 Datasheet HTML 5Page - Analog Devices AD9040A_15 Datasheet HTML 6Page - Analog Devices AD9040A_15 Datasheet HTML 7Page - Analog Devices AD9040A_15 Datasheet HTML 8Page - Analog Devices AD9040A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. D
–2–
AD9040A–SPECIFICATIONS
(+VS = VD = +5 V; –VS = –5 V; internal reference: Encode = 40.5 MSPS, unless
otherwise noted.)
Test
AD9040AJN/AD9040AJR
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
RESOLUTION
10
Bits
DC ACCURACY
Differential Nonlinearity
25
°CI
1.0
2.0
LSB
Full
VI
2.5
LSB
Integral Nonlinearity
25
°CI
1.0
2.25
LSB
Full
VI
2.5
LSB
No Missing Codes
Full
VI
Guaranteed
Gain Error
25
°CI
±0.5
±1.5
% FS
Full
VI
±2% FS
Gain Temperature Coefficient
1
Full
V
±70
ppm/
°C
ANALOG INPUT
Input Voltage Range
25
°CV
2
V p-p
Input Offset Voltage
25
°CI
±2
±25
mV
Full
VI
±30
mV
Input Bias Current
25
°CI
7
15
µA
Full
VI
25
µA
Input Resistance
25
°CI
200
350
k
Input Capacitance
25
°CV
5
pF
Analog Bandwidth
25
°CV
48
MHz
BAND GAP REFERENCE
Output Voltage
Full
VI
2.4
2.6
V
Temperature Coefficient
1
Full
V
±40
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
25
°CI
40
MSPS
Minimum Conversion Rate
25
°CIV2
10
MSPS
Aperture Delay (tA)25
°CV
1.9
ns
Aperture Uncertainty (Jitter)
25
°CV
7
ps, rms
Output Propagation Delay (tPD)
2
25
°CI
7.5
10
12
ns
Full
IV
6
14
ns
DYNAMIC PERFORMANCE
3
Transient Response
25
°CV
25
ns
Overvoltage Recovery Time
25
°CV
40
ns
Signal-to-Noise Ratio
4
fIN = 2.3 MHz
25
°CI
48
54
dB
fIN = 10.3 MHz
25
°CI
47
53
dB
Signal-to-Noise Ratio
4
(Without Harmonics)
fIN = 2.3 MHz
25
°CI
49
55
dB
fIN = 10.3 MHz
25
°CI
48
54
dB
Signal-to-Noise Ratio
4, 5
fIN = 2.3 MHz
25
°CI
56
dB
fIN = 10.3 MHz
25
°CI
55
dB
Signal-to-Noise Ratio
4, 5
(Without Harmonics)
fIN = 2.3 MHz
25
°CI
57
dB
fIN = 10.3 MHz
25
°CI
56
dB
Second Harmonic Distortion
fIN = 2.3 MHz
25
°CI
56
67
dBc
fIN = 10.3 MHz
25
°CI
56
65
dBc
Third Harmonic Distortion
fIN = 2.3 MHz
25
°CI
57
73
dBc
fIN = 10.3 MHz
25
°CI
57
70
dBc
Two-Tone Intermodulation
6
25
°CV
62
dBc
Distortion Rejections
Differential Phase
25
°C
III
0.15
0.5
Degrees
Differential Gain
25
°C
III
0.25
1.0
%


Podobny numer części - AD9040A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9040A/PCB AD-AD9040A/PCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040A/PWB AD-AD9040A/PWB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJN AD-AD9040AJN Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJR AD-AD9040AJR Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040APCB AD-AD9040APCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9040A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com