Zakładka z wyszukiwarką danych komponentów |
|
AD9042 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD9042 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 24 page AD9042 Rev. B | Page 5 of 24 Parameter1, 2 Temp Test Level Min Typ Max Units DIFFERENTIAL NONLINEARITY 25°C I −1.0 ±0.3 +1.0 LSB (ENCODE = 20 MSPS) Full V ±0.4 LSB INTEGRAL NONLINEARITY (ENCODE = 20 MSPS) Full V ±0.75 LSB ANALOG INPUT BANDWIDTH 25°C V 100 MHz TRANSIENT RESPONSE 25°C V 10 ns OVERVOLTAGE RECOVERY TIME 25°C V 25 ns 1 All ac specifications tested by driving ENCODE and ENCODE differentially; see the Encoding the AD9042 section for details. 2 C1 (Pin 10 on AD9042ASTZ only) tied to GND through a 0.01 μF capacitor. 3 Analog input signal power at −1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first five harmonics removed). 4 Analog input signal power at −1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. 5 Analog input signal power at −1 dBFS; worst spur is the ratio of the signal level to worst spur, usually limited by harmonics. 6 Analog input signal power swept from −20 dBFS to –95 dBFS; dither power = −32.5 dBm; dither circuit used on input signal (see the Overcoming Static Nonlinearities with Dither section); SFDR is the ratio of converter full scale to worst spur. 7 Tones at −7 dBFS (f1 = 15.3 MHz, f2 = 19.5 MHz); two-tone intermodulation distortion (IMD) rejection is ratio of either tone to worst-third order intermodulation product. 8 Both input tones swept from −20 dBFS to −95 dBFS; dither power = −32.5 dBm; dither circuit used on input signal (see the Overcoming Static Nonlinearities with Dither section); two-tone spurious-free dynamic range (SFDR) is the ratio of converter full scale to worst spur. |
Podobny numer części - AD9042_15 |
|
Podobny opis - AD9042_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |