Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9042 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9042
Szczegółowy opis  12-Bit, 41 MSPS Monolithic ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9042 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9042_15 Datasheet HTML 4Page - Analog Devices AD9042_15 Datasheet HTML 5Page - Analog Devices AD9042_15 Datasheet HTML 6Page - Analog Devices AD9042_15 Datasheet HTML 7Page - Analog Devices AD9042_15 Datasheet HTML 8Page - Analog Devices AD9042_15 Datasheet HTML 9Page - Analog Devices AD9042_15 Datasheet HTML 10Page - Analog Devices AD9042_15 Datasheet HTML 11Page - Analog Devices AD9042_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9042
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–80
–120
–40
–100
–20
–60
ENCODE = 41MSPS
AIN = 1.2MHz
dc
4.1
8.2
12.3
16.4
20.5
2
3
4
5
6
7
8
9
Figure 3. Single Tone at 1.2 MHz
FREQUENCY (MHz)
0
–80
–120
–40
–100
–20
–60
dc
4.1
8.2
12.3
16.4
20.5
ENCODE = 41MSPS
AIN = 9.6MHz
4
8 8
5
3
7
6
2
Figure 4. Single Tone at 9.6 MHz
FREQUENCY (MHz)
0
–80
–120
–40
–100
–20
–60
dc
4.1
8.2
12.3
16.4
20.5
ENCODE = 41MSPS
AIN = 19.5MHz
2
4
6
8
9
7
5
3
Figure 5. Single Tone at 19.5 MHz
ANALOG INPUT FREQUENCY (MHz)
81
79
78
77
80
0
2
4
6
8
10
12
14
16
18
20
T = +85°C
T = –40°C
T = +25°C
ENCODE = 41MSPS
TEMP = –40°C, +25°C, AND +85°C
Figure 6. Worst-Case Harmonics vs. AIN
70
68
67
66
69
ANALOG INPUT FREQUENCY (MHz)
0
2
4
6
8
1012
141618
20
T = +25°C
T = +85°C
ENCODE = 41MSPS
TEMP = –40°C, +25°C, AND +85°C
T = –40°C
Figure 7. SNR vs. AIN
ANALOG INPUT FREQUENCY (MHz)
90
80
30
60
50
40
70
ENCODE = 41MSPS
1
2
4
102040
100
Figure 8. Worst-Case Harmonics vs. AIN


Podobny numer części - AD9042_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9042AD AD-AD9042AD Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042AST AD-AD9042AST Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042CHIPS AD-AD9042CHIPS Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D AD-AD9042D Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D/PCB AD-AD9042D/PCB Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9042_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com