Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9042 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9042
Szczegółowy opis  12-Bit, 41 MSPS Monolithic ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9042 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9042_15 Datasheet HTML 7Page - Analog Devices AD9042_15 Datasheet HTML 8Page - Analog Devices AD9042_15 Datasheet HTML 9Page - Analog Devices AD9042_15 Datasheet HTML 10Page - Analog Devices AD9042_15 Datasheet HTML 11Page - Analog Devices AD9042_15 Datasheet HTML 12Page - Analog Devices AD9042_15 Datasheet HTML 13Page - Analog Devices AD9042_15 Datasheet HTML 14Page - Analog Devices AD9042_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9042
Rev. B | Page 11 of 24
TERMINOLOGY
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the 50% point of the rising edge of the
ENCODE command and the instant at which the analog input
is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Differential Nonlinearity (DNL)
The deviation of any code from an ideal 1 LSB step.
Encode Pulse Width/Duty Cycle
Pulse width high is the minimum amount of time that the
ENCODE pulse should be left in a Logic 1 state to achieve the
rated performance; pulse width low is the minimum time that
the ENCODE pulse should be left in low state. At a given clock
rate, these specifications define an acceptable encode duty cycle.
Harmonic Distortion
The ratio of the rms signal amplitude to the rms value of the
worst harmonic component, reported in dBc.
Integral Nonlinearity (INL)
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a best straight line
determined by a least square curve fit.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.
Output Propagation Delay
The delay between the 50% point of the rising edge of the
ENCODE command and the time when all output data bits
are within valid logic levels.
Overvoltage Recovery Time
The amount of time required for the converter to recover to
0.02% accuracy after an analog input signal 150% of full scale is
reduced to midscale.
Power Supply Rejection Ratio (PSRR)
The ratio of a change in input offset voltage to a change in
power supply voltage.
Signal-to-Noise-and-Distortion (SINAD) Ratio
The ratio of the rms signal amplitude (set at 1 dB below full
scale) to the rms value of the sum of all other spectral
components, including harmonics but excluding dc.
Signal-to-Noise Ratio SNR (Without Harmonics)
The ratio of the rms signal amplitude (set at 1 dB below full
scale) to the rms value of the sum of all other spectral
components, excluding the first five harmonics and dc.
Spurious-Free Dynamic Range (SFDR)
The ratio of the rms signal amplitude to the rms value of the
peak spurious spectral component. The peak spurious
component may or may not be a harmonic. May be reported in
decibels (degrades as signal levels is lowered) or in decibels
relative to full scale (always related back to converter full scale).
Transient Response
The time required for the converter to achieve 0.02% accuracy
when a one-half full-scale step function is applied to the
analog input.
Two-Tone Intermodulation Distortion Rejection
The ratio of the rms value of either input tone to the rms value
of the worst third-order intermodulation product; reported in dBc.
Two-Tone SFDR
The ratio of the rms value of either input tone to the rms value
of the peak spurious component. The peak spurious component
may or may not be an IMD product. May be reported in dBc
(degrades as signal level is lowered) or in dBFS (always related
back to converter full scale).


Podobny numer części - AD9042_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9042AD AD-AD9042AD Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042AST AD-AD9042AST Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042CHIPS AD-AD9042CHIPS Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D AD-AD9042D Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D/PCB AD-AD9042D/PCB Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9042_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com