Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9048 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9048
Szczegółowy opis  Monolithic 8-Bit Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9048 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9048_15 Datasheet HTML 1Page - Analog Devices AD9048_15 Datasheet HTML 2Page - Analog Devices AD9048_15 Datasheet HTML 3Page - Analog Devices AD9048_15 Datasheet HTML 4Page - Analog Devices AD9048_15 Datasheet HTML 5Page - Analog Devices AD9048_15 Datasheet HTML 6Page - Analog Devices AD9048_15 Datasheet HTML 7Page - Analog Devices AD9048_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD9048
–4–
REV. F
ORDERING GUIDE
Package
Model
Linearity
Temperature
Option
1
AD9048JJ
0.75 LSB
0
°C to 70°C
J-28A
AD9048KJ
0.5 LSB
0
°C to 70°C
J-28A
AD9048JQ
0.75 LSB
0
°C to 70°C
D-28
AD9048KQ
0.5 LSB
0
°C to 70°C
D-28
AD9048SE/833B
2
0.75 LSB
–55
°C to +125°C E-28A
AD9048TE/833B
2
0.5 LSB
–55
°C to +125°C E-28A
AD9048SQ/833B
2
0.75 LSB
–55
°C to +125°C D-28
AD9048TQ/833B
2 0.5 LSB
–55
°C to +125°C D-28
NOTES
1E = Leadless Ceramic Chip Carrier; J = J-Leaded Ceramic; D = Cerdip.
2MIL-STD-883 and Standard Military Drawing available.
PIN CONFIGURATIONS
MECHANICAL INFORMATION
Die Dimensions . . . . . 140 mils
× 137 mils × 21 mils (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . 4 mils
× 4 mils
Metallization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VEE
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Nitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic
Bond Wire . . . . . . . . . . . . . . . 1 mils Gold; Gold Ball Bonding
DIP (D Package)
14
13
12
11
10
9
8
1
2
3
4
7
6
5
17
16
15
20
19
18
28
27
26
25
24
23
22
21
TOP VIEW
(Not to Scale)
AD9048
NC = NO CONNECT
NMINV
RM
RB
AGND
NC
VIN
NC
NC
NC
AGND
RT
CONVERT
D8 (LSB)
D7
(MSB) D1
D2
D3
D4
DGND
VCC
VEE
VEE
VEE
VCC
DGND
NLINV
D5
D6
LCC (E Package)
28 27
1
2
3
426
25
21
22
23
24
19
20
5
6
7
8
9
10
11
12 13 14 15 16 17 18
TOP VIEW
(Not to Scale)
NC = NO CONNECT
AGND
NC
VIN
NC
NC
NC
AGND
DGND
VCC
VEE
VEE
VEE
VCC
DGND
AD9048
J-Leaded Ceramic (J Package)
11
510
6789
19
21
20
25 24
22
23
18
17
16
15
14
13
12
TOP VIEW
(Not to Scale)
TOP VIEW
(Not to Scale)
26
28
27
1
2
3
4
CONVERT
D8 (LSB)
D7
D6
D5
NLINV
RB
RM
NMINV
(MSB) D1
D2
D3
D4
NC = NO CONNECT
RT
AD9048
RLOW
RMID
NMINV
MSB
D2
D3
D4
RTOP
CONV
D8
D7
D6
D5
NLINV
DGND
DGND
AGND
AIN
AGND
VCC
VEE
VCC
VCC VCC
VEE VEE
DGND
Figure 1. Bonding Diagram
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9048 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Podobny numer części - AD9048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048JJ AD-AD9048JJ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048JQ AD-AD9048JQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048KJ AD-AD9048KJ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048KQ AD-AD9048KQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048SE AD-AD9048SE Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results

Podobny opis - AD9048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com