Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9048 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9048
Szczegółowy opis  Monolithic 8-Bit Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9048 Arkusz danych(HTML) 6 Page - Analog Devices

  AD9048_15 Datasheet HTML 1Page - Analog Devices AD9048_15 Datasheet HTML 2Page - Analog Devices AD9048_15 Datasheet HTML 3Page - Analog Devices AD9048_15 Datasheet HTML 4Page - Analog Devices AD9048_15 Datasheet HTML 5Page - Analog Devices AD9048_15 Datasheet HTML 6Page - Analog Devices AD9048_15 Datasheet HTML 7Page - Analog Devices AD9048_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD9048
–6–
REV. F
THEORY OF OPERATION
Refer to the Functional Block Diagram of the AD9048. The
AD9048 comprises three functional sections: a comparator
array, encoding logic, and output latches.
Within the array, the analog input signal to be digitized is
compared with 255 reference voltages. The outputs of all com-
parators whose references are below the input signal level will be
high; outputs whose references are above that level will be low.
The n-of-255 code that results from this comparison is applied
to the encoding logic where it is converted into binary coding.
When it is inverted with dc signals applied to the NLINV and/or
NMINV pins, it becomes twos complement.
After encoding, the signal is applied to the output latch circuits
where it is held constant between updates controlled by the
application of CONVERT pulses.
The AD9048 uses strobed latching comparators in which com-
parator outputs are either high or low, as dictated by the analog
input level. Data appearing at the output pins have a pipeline
delay of one encode cycle.
Input signal levels between the references applied to RT (Pin 18)
and RB (Pin 26) will appear at the output as binary numbers
between 0 and 255, inclusive. Signals outside that range will
show up as either full-scale positive or full-scale negative out-
puts. No damage will occur to the AD9048 as long as the input
is within the voltage range of VEE to 0.5 V.
The significantly reduced input capacitance of the AD9048
lowers the drive requirements of the input buffer/amplifier and
also induces much smaller phase shift in the analog input signal.
Applications that depend on controlled phase shift at the con-
verter input can benefit from using the AD9048 because of its
inherently lower phase shift.
The CONVERT, analog input, and digital output circuits are
shown in Figure 3.
5.0V
13k
CONVERT
5.0V
DIGITAL
OUTPUTS
ANALOG
INPUT
–5.2V
–5.2V
R
RT
R/2
R/2
RM
–5.2V
–5.2V
R
RB
COMPARATOR CELLS
Figure 3. Input/Output Circuits
System timing, which provides details on delays through the
AD9048 as well as the relationships of various timing events, is
shown in Figure 4.
N+1
N+2
N
APERTURE
DELAY
DATA
CHANGING
ANALOG
INPUT
CONVERT
OUTPUT
DATA
DATA
CHANGING
N+1
N–1
N
t
OH
t
PD
Figure 4. Timing Diagram
Dynamic performance of the AD9048, i.e., typical signal-to-
noise ratio, is illustrated in Figures 5 and 6.
ANALOG INPUT FREQUENCY – 1dB BELOW FULL-SCALE
50
46
38
10MHz
1MHz
100kHz
48
40
42
44
Figure 5. Dynamic Performance (20 MHz Encode Rate)
ANALOG INPUT FREQUENCY – 1dB BELOW FULL-SCALE
50
46
38
10MHz
1MHz
100kHz
48
40
42
44
Figure 6. Dynamic Performance (35 MHz Encode Rate)


Podobny numer części - AD9048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048JJ AD-AD9048JJ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048JQ AD-AD9048JQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048KJ AD-AD9048KJ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048KQ AD-AD9048KQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048SE AD-AD9048SE Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results

Podobny opis - AD9048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com