Zakładka z wyszukiwarką danych komponentów |
|
AD9048 Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9048 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 8 page a Monolithic 8-Bit Video A/D Converter AD9048 FUNCTIONAL BLOCK DIAGRAM 1 R 2 127 R R/2 R/2 128 R 254 255 R E N C O D I N G L O G I C 13 14 15 16 1 2 3 4 28 23 18 12 27 26 17 19 25 6 10 7 8 9 11 5 L A T C H VCC VEE DGND AGND D1 (MSB) D2 D3 D3 D5 D6 D7 D8 (LSB) NLINV NMINV VIN RT RM RB CONVERT AD9048 GENERAL DESCRIPTION The AD9048 is an 8-bit, 35 MSPS flash converter, made on a high speed bipolar process, which is an alternate source for the TDC1048 unit, and offers enhancements over its predecessor. Lower power dissipation makes the AD9048 attractive for a variety of system designs. Because of its wide bandwidth, it is an ideal choice for real-time conversion of video signals. Input bandwidth is flat with no missing codes. Clocked latching comparators, encoding logic, and output buffer registers operating at minimum rates of 35 MSPS pre- clude a need for a sample-and-hold (S/H) or track-and-hold (T/H) in most system designs using the AD9048. All digital control inputs and outputs are TTL compatible. Devices operating over two ambient temperature ranges and with two grades of linearity are available. Linearities of either 0.5 LSB or 0.75 LSB can be ordered for a commercial range of 0 °C to 70°C or extended case temperatures of –55°C to +125°C. Commercial versions are packaged in 28-lead DIPs; extended temperature versions are available in ceramic DIP and ceramic LCC packages. Both commercial units and MIL-STD-883 units are standard products. The AD9048 A/D converter is available in versions compliant with MIL-STD-883. Refer to the Analog Devices Military Prod- ucts Databook or current AD9048/883B data sheet for detailed specifications. FEATURES 35 MSPS Encode Rate 16 pF Input Capacitance 550 mW Power Dissipation Industry-Standard Pinouts MIL-STD-883 Compliant Versions Available APPLICATIONS Professional Video Systems Special Effects Generators Electro-Optics Digital Radio Electronic Warfare (ECM, ECCM, ESM) REV. F Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2003 Analog Devices, Inc. All rights reserved. |
Podobny numer części - AD9048_15 |
|
Podobny opis - AD9048_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |