Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9048 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9048
Szczegółowy opis  Monolithic 8-Bit Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9048 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9048_15 Datasheet HTML 1Page - Analog Devices AD9048_15 Datasheet HTML 2Page - Analog Devices AD9048_15 Datasheet HTML 3Page - Analog Devices AD9048_15 Datasheet HTML 4Page - Analog Devices AD9048_15 Datasheet HTML 5Page - Analog Devices AD9048_15 Datasheet HTML 6Page - Analog Devices AD9048_15 Datasheet HTML 7Page - Analog Devices AD9048_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. F
–2–
AD9048–SPECIFICATIONS (typical with nominal supplies, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
Test
AD9048JJ/JQ
AD9048KJ/KQ
AD9048SE/SQ
AD9048TE/TQ
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min Typ Max
Min
Typ
Max
Min Typ Max
Unit
RESOLUTION
8
8
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25
°CI
0.4
0.75
0.3
0.5
0.4
0.75
0.3
0.5
LSB
Full
VI
1.0
0.75
1.0
0.75
LSB
Integral Nonlinearity
25
°CI
0.6
0.75
0.4
0.5
0.6
0.75
0.4
0.5
LSB
Full
VI
1.0
0.75
1.0
0.75
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Guaranteed
Guaranteed
INITIAL OFFSET ERROR
Top of Reference Ladder
25
°CI
5
12
5
12
512
5
12
mV
Full
VI
12
12
12
12
mV
Bottom of Reference Ladder
25
°CI
4
8
4
8
48
4
8
mV
Full
VI
8
8
8
8
mV
Offset Drift Coefficient
Full
V
20
20
20
20
µV/°C
ANALOG INPUT
Input Voltage Range
Full
V
–2.1;
–2.1;
–2.1;
–2.1;
+0.1
+0.1
+0.1
+0.1
V
Input Bias Current
7
25
°CI
36
60
36
60
36
60
36
60
µA
Full
VI
100
100
100
100
µA
Input Resistance
25
°CI
200
300
200
300
200
300
200
300
k
Full
VI
40
40
40
40
k
Input Capacitance
25
°CIV
16
20
16
20
1620
16
20
pF
Full Power Bandwidth
8
25
°CIV
10
15
1015
10
1510
15
MHz
REFERENCE INPUT
Positive Reference Voltage
9
Full
V
0.0
0.0
0.0
0.0
V
Negative Reference Voltage
9
Full
V
–2.0
–2.0
–2.0
–2.0
V
Differential Reference Voltage
Full
V
2.0
2.0
2.0
2.0
V
Reference Ladder Resistance
Full
VI
30
60
125
30
60
125
30
60
125
30
60
125
Ladder Temperature Coefficient
Full
V
0.22
0.22
0.22
0.22
Ω/°C
Reference Ladder Current
Full
VI
23
40
23
40
23
40
23
40
mA
Reference Input Bandwidth
25
°CV
10
10
10
10
MHz
DYNAMIC PERFORMANCE
10
Conversion Rate
25
°CI
35
38
35
38
35
38
35
38
MHz
Aperture Delay
25
°CIV
2.4
5
2.4
5
2.4
5
2.4
5
ns
Aperture Uncertainty (Jitter)
25
°CIV
25
50
25
50
2550
25
50
ps
Output Delay (tPD)25
°CI
13
15
9
15
9
15
9
15
ns
Output Hold Time (tOH)
11
25
°CI
5
8
5
8
58
5
8
ns
Transient Response
12
25
°CIV
6
20
6
20
6
20
6
20
ns
Overvoltage Recovery Time
13
25
°CV
8
8
88
ns
Rise Time
25
°CI
9
9
9
9
ns
Fall Time
25
°CI
14
14
14
14
ns
Output Time Skew
14
25
°CI
4.5
7
4.5
7
4.5
7
4.5
7
ns
NMINV and NLINV INPUTS
0.4 V Input Current
Full
VI
200
200
200
200
µA
2.4 V Input Current
Full
VI
150
150
150
150
µA
5.5 V Input Current
Full
VI
150
150
150
150
µA
CONVERT INPUT
Logic “1” Voltage
Full
VI
2.0
2.0
2.0
2.0
V
Logic “0” Voltage
Full
VI
0.8
0.8
0.8
0.8
V
Logic “1” Current
Full
VI
150
150
150
150
µA
Logic “0” Current
Full
VI
500
500
500
500
µA
Input Capacitance
25
°CIV
4
6
4
6
4
64
6
pF
Convert Pulsewidth (LOW)
25
°CI
18
18
18
18
ns
Convert Pulsewidth (HIGH)
25
°CI
10
10
10
10
ns
ABSOLUTE MAXIMUM RATINGS
1
VCC to DGND . . . . . . . . . . . . . . . . . –0.5 V DC to +7.0 V DC
AGND to DGND . . . . . . . . . . . . . . –0.5 V DC to +0.5 V DC
VEE to AGND . . . . . . . . . . . . . . . . . +0.5 V DC to –7.0 V DC
VIN, VRT, or VRB to AGND . . . . . . . . . . . . . . . . . 0.5 V to VEE
VRT to VRB . . . . . . . . . . . . . . . . . . . . –2.2 V DC to +2.2 V DC
CONV, NMINV or NLINV to DGND–0.5 V DC to +5.5 V DC
Applied Output Voltage to DGND
–0.5 V DC to +5.5 V DC
2
Applied Output Current, Externally Forced
. . . . . . . . . . . . . . . . . . . . . . . . . . . . –1.0 mA to +6.0 mA
3, 4
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . 1.0 sec
5
Operating Temperature Range (Ambient)
AD9048JJ/KJ/JQ/KQ . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
AD9048SE/SQ/TE/TQ . . . . . . . . . . . . . . –55
°C to +125°C
Maximum Junction Temperature (Plastic) . . . . . . . . . 150
°C6
Maximum Junction Temperature (Hermetic) . . . . . . . 150
°C6
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
(VCC = +5.0 V; VEE = –5.2 V; Differential Reference Voltage = 2.0 V, unless otherwise noted.)


Podobny numer części - AD9048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048JJ AD-AD9048JJ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048JQ AD-AD9048JQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048KJ AD-AD9048KJ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048KQ AD-AD9048KQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048SE AD-AD9048SE Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results

Podobny opis - AD9048_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com