Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9049 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9049
Szczegółowy opis  9 BIT 30 MSPS ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9049 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9049_15 Datasheet HTML 1Page - Analog Devices AD9049_15 Datasheet HTML 2Page - Analog Devices AD9049_15 Datasheet HTML 3Page - Analog Devices AD9049_15 Datasheet HTML 4Page - Analog Devices AD9049_15 Datasheet HTML 5Page - Analog Devices AD9049_15 Datasheet HTML 6Page - Analog Devices AD9049_15 Datasheet HTML 7Page - Analog Devices AD9049_15 Datasheet HTML 8Page - Analog Devices AD9049_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
ENCODE
AD9049
T/H
ADC
SUM
AMP
DAC
ADC
+5V
DECODE
LOGIC
TIMING
AIN
AINB
+5V
GND
REFERENCE CKTS
9
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
9-Bit, 30 MSPS ADC
AD9049
FEATURES
Low Power: 300 mW
On-Chip T/H, Reference
Single +5 V Power Supply Operation
Selectable 5 V or 3 V Logic I/O
Wide Dynamic Performance
APPLICATIONS
Digital Communications
Professional Video
Medical Imaging
Instrumentation
PRODUCT DESCRIPTION
The AD9049 is a complete 9-bit monolithic sampling analog-
to-digital converter (ADC) with an onboard track-and-hold and
reference. The unit is designed for low cost, high performance
applications and requires only +5 V and an encode clock to
achieve 30 MSPS sample rates with 9-bit resolution.
The encode clock is TTL compatible and the digital outputs
are CMOS; both can operate with 5 V/3 V logic, selected by the
user. The two-step architecture used in the AD9049 is opti-
mized to provide the best dynamic performance available while
maintaining low power consumption.
A 2.5 V reference is included onboard, or the user can provide
an external reference voltage for gain control or matching of
multiple devices. Fabricated on an advanced BiCMOS process,
the AD9049 is packaged in space saving surface mount pack-
ages (SOIC, SSOP) and is specified over the industrial
(–40
°C to +85°C) temperature range.
Figure 1. Typical Connections
+5V
9 BITS
0.1µF
0.1µF
0.1µF
ENCODE
(2)
74AC574
3
4
10
5
6
9
1, 7, 12,
21, 23
13
2, 8, 11,
20, 22
AD9049
AIN
(+3.3V
± 0.512V)
+5V
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Podobny numer części - AD9049_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9049BR AD-AD9049BR Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
AD9049BRS AD-AD9049BRS Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
More results

Podobny opis - AD9049_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9049 AD-AD9049 Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7760 AD-AD7760 Datasheet
868Kb / 22P
   2.5 MSPS, 20-Bit ADC
Rev. PrN
logo
Texas Instruments
ADS5517 TI-ADS5517 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com