Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9049 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9049
Szczegółowy opis  9 BIT 30 MSPS ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9049 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9049_15 Datasheet HTML 1Page - Analog Devices AD9049_15 Datasheet HTML 2Page - Analog Devices AD9049_15 Datasheet HTML 3Page - Analog Devices AD9049_15 Datasheet HTML 4Page - Analog Devices AD9049_15 Datasheet HTML 5Page - Analog Devices AD9049_15 Datasheet HTML 6Page - Analog Devices AD9049_15 Datasheet HTML 7Page - Analog Devices AD9049_15 Datasheet HTML 8Page - Analog Devices AD9049_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD9049–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Test
AD9049BR/BRS
Parameter
Temp
Level
Min
Typ
Max
Units
RESOLUTION
9
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.5
1.0
LSB
Full
V
0.5
LSB
Integral Nonlinearity
+25
°C
I
0.5
1.0
LSB
Full
V
0.5
LSB
No Missing Codes
Full
IV
GUARANTEED
Gain Error
+25
°CI
±1.0
±7.5
% FS
Gain Tempco1
Full
V
±100
ppm/
°C
ANALOG INPUT
Input Voltage Range
+25
°C
V
1.024
V p-p
Input Offset Voltage
+25
°C
I
–10
+7
+25
mV
Full
IV
–32
+51
mV
Input Resistance
+25
°C
I
3.5
5.0
6.5
k
Input Capacitance
+25
°CV
5
pF
Analog Bandwidth
+25
°C
V
100
MHz
BANDGAP REFERENCE
Output Voltage
+25
°C
I
2.4
2.5
2.6
V
Temperature Coefficient
1
Full
V
±50
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
+25
°C
I
30
MSPS
Minimum Conversion Rate
+25
°C
IV
1.5
3
MSPS
Aperture Delay (tA)
+25
°C
V
2.7
ns
Aperture Uncertainty (Jitter)
+25
°C
V
5
ps, rms
Output Propagation Delay (tPD)
2
Full
IV
5
15
ns
DYNAMIC PERFORMANCE
Transient Response
+25
°CV
10
ns
Overvoltage Recovery Time
+25
°CV
10
ns
ENOBS
fIN = 2.3 MHz
+25
°C
V
8.56
ENOBs
fIN = 10.3 MHz
+25
°C
I
8.01
8.51
ENOBs
Signal-to-Noise Ratio (SINAD)
3
fIN = 2.3 MHz
+25
°C
V
53.3
dB
fIN = 10.3 MHz
+25
°C
I
50
53
dB
Signal-to-Noise Ratio
(Without Harmonics)
fIN = 2.3 MHz
+25
°C
V
53.5
dB
fIN = 10.3 MHz
+25
°C
I
51
53.3
dB
2nd Harmonic Distortion
fIN = 2.3 MHz
+25
°C
V
–69
dBc
fIN = 10.3 MHz
+25
°C
I
–67
–60
dBc
3rd Harmonic Distortion
fIN = 2.3 MHz
+25
°C
V
–75
dBc
fIN = 10.3 MHz
+25
°C
I
–66
–58
dBc
Two-Tone Intermodulation
Distortion (IMD)4
+25
°C
V
65
dBc
Differential Phase
+25
°C
V
0.15
Degrees
Differential Gain
+25
°C
V
0.35
%
REV. A
–2–
(VD, VDD = +5 V; internal reference; ENCODE = 30 MSPS unless otherwise noted)


Podobny numer części - AD9049_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9049BR AD-AD9049BR Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
AD9049BRS AD-AD9049BRS Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
More results

Podobny opis - AD9049_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9049 AD-AD9049 Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7760 AD-AD7760 Datasheet
868Kb / 22P
   2.5 MSPS, 20-Bit ADC
Rev. PrN
logo
Texas Instruments
ADS5517 TI-ADS5517 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com