Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9049 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9049
Szczegółowy opis  9 BIT 30 MSPS ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9049 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9049_15 Datasheet HTML 1Page - Analog Devices AD9049_15 Datasheet HTML 2Page - Analog Devices AD9049_15 Datasheet HTML 3Page - Analog Devices AD9049_15 Datasheet HTML 4Page - Analog Devices AD9049_15 Datasheet HTML 5Page - Analog Devices AD9049_15 Datasheet HTML 6Page - Analog Devices AD9049_15 Datasheet HTML 7Page - Analog Devices AD9049_15 Datasheet HTML 8Page - Analog Devices AD9049_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Test
AD9049BR/BRS
Parameter
Temp
Level
Min
Typ
Max
Units
ENCODE INPUT
Logic “1” Voltage
Full
IV
2.0
V
Logic “0” Voltage
Full
IV
0.8
V
Logic “1” Current
Full
IV
1
µA
Logic “0” Current
Full
IV
1
µA
Input Capacitance
+25
°C
V
10
pF
Encode Pulse Width High (tEH)
+25
°C
IV
10
166
ns
Encode Pulse Width Low (tEL)
+25
°C
IV
10
166
ns
DIGITAL OUTPUTS
Logic “1” Voltage
Full
IV
4.95
V
Logic “0” Voltage
Full
IV
0.05
V
Logic “1” Voltage (3.0 VDD)
Full
IV
2.95
V
Logic “0” Voltage (3.0 VDD)
Full
IV
0.05
V
Output Coding
Offset
Binary
Code
POWER SUPPLY
VD, VDD Supply Current
5
Full
IV
40
60
80
mA
Power Dissipation
5
Full
IV
300
400
mW
Power Supply Rejection Ratio
(PSRR)6
+25
°CI
±10
mV/V
NOTES
1“Gain Tempco” is for converter only; “Temperature Coefficient” is for bandgap reference only.
2Output propagation delay (t
PD) is measured from the 50% point of the rising edge of the encode command to the midpoint of the digital outputs with 10 pF
maximum loads.
3RMS signal to rms noise with analog input signal 0.5 dB below full scale at specified frequency.
4Intermodulation measured relative to either tone with analog input frequencies of 9.5 MHz and 9.9 MHz at 7 dB below full scale.
5Power dissipation is measured at 30 MSPS with AIN of 10.3 MHz and digital outputs loaded with 10 pF maximum. See Figure 4 for power dissipation at other
conditions.
6Measured as the ratio of the change in offset voltage for 5% change in +V
D.
Specifications subject to change without notice.
AD9049
REV. A
–3–
EXPLANATION OF TEST LEVELS
Test Level
I
100% Production Tested.
IV
Parameter is guaranteed by design and characteriza-
tion testing.
V
Parameter is a typical value only.
ABSOLUTE MAXIMUM RATINGS*
VD, VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7 V
ANALOG IN . . . . . . . . . . . . . . . . . . . . . . –1.0 V to VD + 1.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD
VREF Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature
AD9049BR/BRS . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may effect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option*
AD9049BR
– 40
°C to +85°C
R-28
AD9049BRS
– 40
°C to +85°C
RS-28
*R = Small Outline (SO); RS = Shrink Small Outline (SSOP).


Podobny numer części - AD9049_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9049BR AD-AD9049BR Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
AD9049BRS AD-AD9049BRS Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
More results

Podobny opis - AD9049_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9049 AD-AD9049 Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7760 AD-AD7760 Datasheet
868Kb / 22P
   2.5 MSPS, 20-Bit ADC
Rev. PrN
logo
Texas Instruments
ADS5517 TI-ADS5517 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com