Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9050 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9050
Szczegółowy opis  10-Bit, 40 MSPS/60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9050 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9050_15 Datasheet HTML 1Page - Analog Devices AD9050_15 Datasheet HTML 2Page - Analog Devices AD9050_15 Datasheet HTML 3Page - Analog Devices AD9050_15 Datasheet HTML 4Page - Analog Devices AD9050_15 Datasheet HTML 5Page - Analog Devices AD9050_15 Datasheet HTML 6Page - Analog Devices AD9050_15 Datasheet HTML 7Page - Analog Devices AD9050_15 Datasheet HTML 8Page - Analog Devices AD9050_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9050
–4–
REV. B
Table I. AD9050 Digital Coding (Single Ended Input AIN, AINB Bypassed to GND)
OR
Digital Output
Analog Input
Voltage Level
(Out of Range)
MSB . . . LSB
3.813
Positive Full Scale + 1 LSB
1
1111111111
3.300
Midscale
0
0111111111
2.787
Negative Full Scale – 1 LSB
1
0000000000
PIN FUNCTION DESCRIPTIONS
Pin No
Name
Function
1, 7, 12, 21, 23
GND
Ground.
2, 8, 11
VD
Analog +5 V
± 5% power supply.
3VREFOUT
Internal bandgap voltage reference (nominally +2.5 V).
4
VREFIN
Input to reference amplifier. Voltage reference for ADC is connected here.
5
COMP
Internal compensation pin, 0.1
µF bypass connected here to V
D (+5 V).
6
REFBP
External connection for (0.1
µF) reference bypass capacitor.
9
AINB
Complementary analog input pin (Analog input bar).
10
AIN
Analog input pin.
13
ENCODE
Encode clock input to ADC. Internal T/H is placed in hold mode (ADC is encoding)
on rising edge of encode signal.
14
OR
Out of range signal. Logic “0” when analog input is in nominal range. Logic “1” when
analog input is out of nominal range.
15
D9 (MSB)
Most significant bit of ADC output.
16–19
D8–D5
Digital output bits of ADC.
20, 22
VDD
Digital output power supply (only used by digital outputs).
24–27
D4–D1
Digital output bits of ADC.
28
D0 (LSB)
Least significant bit of ADC output.
PIN CONFIGURATION
14
13
12
11
10
9
8
1
2
3
4
7
6
5
17
16
15
20
19
18
28
27
26
25
24
23
22
21
TOP VIEW
(Not to Scale)
AD9050
GND
D3
D2
D1
D0 (LSB)
VD
VREFOUT
VREFIN
VDD
GND
D4
COMP
REFBP
GND
VD
AINB
AIN
D5
VDD
GND
VD
GND
ENCODE
OR
D6
D9 (MSB)
D8
D7
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9050 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Podobny numer części - AD9050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9050BR AD-AD9050BR Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS AD-AD9050BRS Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS-60 AD-AD9050BRS-60 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com