Zakładka z wyszukiwarką danych komponentów |
|
AD9050 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD9050 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 12 page AD9050 –8– REV. B THEORY OF OPERATION Refer to the block diagram on the front page. The AD9050 employs a subranging architecture with digital error correction. This combination of design techniques en- sures true 10-bit accuracy at the digital outputs of the converter. At the input, the analog signal is buffered by a high speed differ- ential buffer and applied to a track-and-hold (T/H) that holds the analog value present when the unit is strobed with an ENCODE command. The conversion process begins on the rising edge of this pulse. The two stage architecture completes a coarse and then a fine conversion of the T/H output signal. Error correction and decode logic correct and align data from the two conversions and present the result as a 10-bit parallel digital word. Output data are strobed on the rising edge of the ENCODE command. The subranging architecture results in five pipeline delays for the output data. Refer to the AD9050 Timing Diagram. USING THE AD9050 3 V System The digital input and outputs of the AD9050 can be easily configured to directly interface to 3 V logic systems. The en- code input (Pin 13) is TTL compatible with a logic threshold of 1.5 V. This input is actually a CMOS stage (refer to Equivalent Encode Input Stage) with a TTL threshold, allowing operation with TTL, CMOS and 3 V CMOS logic families. Using 3 V CMOS logic allows the user to drive the encode directly without the need to translate to +5 V. This saves the user power and board space. As with all high speed data converters, the clock signal must be clean and jitter free to prevent the degradation of dynamic performance. The AD9050 outputs can also directly interface to 3 V logic systems. The digital outputs are standard CMOS stages (refer to AD9050 Output Stage) with isolated supply pins (Pins 20, 22 VDD). By varying the voltage on the VDD pins, the digital output levels vary respectively. By connecting Pins 20 and 22 to the 3 V logic supply, the AD9050 will supply 3 V output levels. Care should be taken to filter and isolate the output supply of the AD9050 as noise could be coupled into the ADC, limiting performance. Analog Input The analog input of the AD9050 is a differential input buffer (refer to AD9050 Equivalent Analog Input). The differential inputs are internally biased at +3.3 V, obviating the need for external biasing. Excellent performance is achieved whether the analog inputs are driven single-ended or differential (for best dynamic performance, impedances at AIN and AINB should match). Figure 16 shows typical connections for the analog inputs when using the AD9050 in a dc coupled system with single ended signals. All components are powered from a single +5 V supply. The AD820 is used to offset the ground referenced input signal to the level required by the AD9050. AC coupling of the analog inputs of the AD9050 is easily ac- complished. Figure 17 shows capacitive coupling of a single ended signal while Figure 18 shows transformer coupling differ- entially into the AD9050. +5V AD8041 1k Ω 1k Ω +5V AD9050 9 10 +5V 1k Ω AD820 VIN –0.5V to +0.5V 1k Ω 0.1µF 0.1µF Figure 16. Single Supply, Single Ended, DC Coupled AD9050 +5V AD8011 1k Ω 1k Ω +5V AD9050 9 10 –5V VIN –0.5V to +0.5V 0.1µF 0.1µF Figure 17. Single Ended, Capacitively Coupled AD9050 +5V AD8011 1k Ω 1k Ω +5V 9 10 –5V VIN –0.5V to +0.5V 0.1µF AD9050 T1-1T 50 Ω Figure 18. Differentially Driven AD9050 Using Trans- former Coupling The AD830 provides a unique method of providing dc level shift for the analog input. Using the AD830 allows a great deal of flexibility for adjusting offset and gain. Figure 19 shows the AD830 configured to drive the AD9050. The offset is provided by the internal biasing of the AD9050 differential input (Pin 9). For more information regarding the AD830, see the AD830 data sheet. VIN –0.5V to +0.5V 1 2 3 4 AD830 +15V –5V 710 9 0.1 µF +5V AD9050 Figure 19. Level Shifting with the AD830 |
Podobny numer części - AD9050_15 |
|
Podobny opis - AD9050_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |