Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9050 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9050
Szczegółowy opis  10-Bit, 40 MSPS/60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9050 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9050_15 Datasheet HTML 1Page - Analog Devices AD9050_15 Datasheet HTML 2Page - Analog Devices AD9050_15 Datasheet HTML 3Page - Analog Devices AD9050_15 Datasheet HTML 4Page - Analog Devices AD9050_15 Datasheet HTML 5Page - Analog Devices AD9050_15 Datasheet HTML 6Page - Analog Devices AD9050_15 Datasheet HTML 7Page - Analog Devices AD9050_15 Datasheet HTML 8Page - Analog Devices AD9050_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
ENCODE
AD9050
T/H
ADC
SUM
AMP
DAC
ADC
+5V
DECODE
LOGIC
TIMING
AIN
AINB
+5V
GND
REFERENCE CKTS
10
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9050
FEATURES
Low Power: 315 mW @ 40 MSPS, 345 mW @ 60 MSPS
On-Chip T/H, Reference
Single +5 V Power Supply Operation
Selectable 5 V or 3 V Logic I/O
SNR: 53 dB Minimum at 10 MHz w/40 MSPS
APPLICATIONS
Medical Imaging
Instrumentation
Digital Communications
Professional Video
PRODUCT DESCRIPTION
The AD9050 is a complete 10-bit monolithic sampling analog-
to-digital converter (ADC) with an onboard track-and-hold and
reference. The unit is designed for low cost, high performance
applications and requires only +5 V and an encode clock to
achieve 40 MSPS or 60 MSPS sample rates with 10-bit resolution.
The encode clock is TTL compatible and the digital outputs
are CMOS; both can operate with 5 V/3 V logic, selected by the
user. The two-step architecture used in the AD9050 is opti-
mized to provide the best dynamic performance available while
maintaining low power consumption.
A 2.5 V reference is included onboard, or the user can provide
an external reference voltage for gain control or matching of
multiple devices. Fabricated on an advanced BiCMOS pro-
cess, the AD9050 is packaged in space saving surface mount
packages (SOIC, SSOP) and is specified over the industrial
(–40
°C to +85°C) temperature range. The 60 MSPS version
(AD9050BRS-60) is only available in the SSOP package.
+5V
10 BITS
0.1µF
0.1µF
0.1µF
ENCODE
(2)
74AC574
3
4
10
5
6
9
1, 7, 12,
21, 23
13
2, 8, 11,
20, 22
AD9050
AIN
(+3.3V
± 0.512V)
+5V
Figure 1. Typical Connections
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
10-Bit, 40 MSPS/60 MSPS
A/D Converter


Podobny numer części - AD9050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9050BR AD-AD9050BR Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS AD-AD9050BRS Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050BRS-60 AD-AD9050BRS-60 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
More results

Podobny opis - AD9050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com