Zakładka z wyszukiwarką danych komponentów |
|
AD9050 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD9050 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 12 page Test AD9050BR/BRS AD9050BRS-60 Parameter Temp Level Min Typ Max Min Typ Max Units ENCODE INPUT Logic “1” Voltage Full IV 2.0 2.0 V Logic “0” Voltage Full IV 0.8 0.8 V Logic “1” Current Full IV 1 1 µA Logic “0” Current Full IV 1 1 µA Input Capacitance +25 °C V 10 10 pF Encode Pulse Width High (tEH) +25 °C IV 10 166 6.7 166 ns Encode Pulse Width Low (tEL) +25 °C IV 10 166 6.7 166 ns DIGITAL OUTPUTS Logic “1” Voltage Full IV 4.95 4.95 V Logic “0” Voltage Full IV 0.05 0.05 V Logic “1” Voltage (3.0 VDD) Full IV 2.95 2.95 V Logic “0” Voltage (3.0 VDD) Full IV 0.05 0.05 V Output Coding Offset Binary Code Offset Binary Code POWER SUPPLY VD, VDD Supply Current 5 Full IV 40 63 80 40 69 87.2 mA Power Dissipation 5 Full IV 315 400 345 486 mW Power Supply Rejection Ratio (PSRR)6 +25 °CI ±10 ±10 mV/V NOTES 1“Gain Tempco” is for converter only; “Temperature Coefficient” is for bandgap reference only. 2Output propagation delay (t PD) is measured from the 50% point of the rising edge of the encode command to the midpoint of the digital outputs with 10 pF maximum loads. 3RMS signal to rms noise with analog input signal 0.5 dB below full scale at specified frequency for BR/BRS, 1.0 dB below full scale for BRS-60. 4Intermodulation measured relative to either tone with analog input frequencies of 9.5 MHz and 9.9 MHz at 7 dB below full scale. 5Power dissipation is measured at full update rate with AIN of 10.3 MHz and digital outputs loaded with 10 pF maximum. See Figure 4 for power dissipation at other conditions. 6Measured as the ratio of the change in offset voltage for 5% change in +V D. Specifications subject to change without notice. AD9050 EXPLANATION OF TEST LEVELS Test Level I – 100% Production Tested. IV – Parameter is guaranteed by design and characteriza- tion testing. V – Parameter is a typical value only. ABSOLUTE MAXIMUM RATINGS* VD, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7 V ANALOG IN . . . . . . . . . . . . . . . . . . . . . . –1.0 V to VD + 1.0 V Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD VREF Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Operating Temperature AD9050BR/BRS/BRS-60 . . . . . . . . . . . . . . . –40 °C to +85°C Storage Temperature . . . . . . . . . . . . . . . . . . . –65 °C to +150°C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may effect device reliability. ORDERING GUIDE Model Temperature Range Package Option* AD9050BR – 40 °C to +85°C R-28 AD9050BRS – 40 °C to +85°C RS-28 AD9050BRS-60 – 40 °C to +85°C RS-28 *R = Small Outline (SO); RS = Shrink Small Outline (SSOP). REV. B –3– |
Podobny numer części - AD9050_15 |
|
Podobny opis - AD9050_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |