Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9054A Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9054A
Szczegółowy opis  8-Bit, 200 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9054A Arkusz danych(HTML) 1 Page - Analog Devices

  AD9054A_15 Datasheet HTML 1Page - Analog Devices AD9054A_15 Datasheet HTML 2Page - Analog Devices AD9054A_15 Datasheet HTML 3Page - Analog Devices AD9054A_15 Datasheet HTML 4Page - Analog Devices AD9054A_15 Datasheet HTML 5Page - Analog Devices AD9054A_15 Datasheet HTML 6Page - Analog Devices AD9054A_15 Datasheet HTML 7Page - Analog Devices AD9054A_15 Datasheet HTML 8Page - Analog Devices AD9054A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9054A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
8-Bit, 200 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
ENCODE
ENCODE
AD9054A
T/H
AIN
AIN
GND
2.5V REFERENCE
8
8
ENCODE
LOGIC
DEMULTIPLEXER
VDD
DS
DS
DEMUX
QUANTIZER
VREF IN
VREF OUT
DA7–DA0
DB7–DB0
TIMING
FEATURES
200 MSPS Guaranteed Conversion Rate
135 MSPS Low Cost Version Available
350 MHz Analog Bandwidth
1 V p-p Analog Input Range
Internal 2.5 V Reference and T/H
Low Power: 500 mW
5 V Single Supply Operation
TTL Output Interface
Single or Demultiplexed Output Ports
APPLICATIONS
RGB Graphics Processing
High Resolution Video
Digital Data Storage Read Channels
Digital Communications
Digital Instrumentation
Medical Imaging
GENERAL DESCRIPTION
The AD9054A is an 8-bit monolithic analog-to-digital converter
optimized for high speed, low power, small size and ease of use.
With a 200 MSPS encode rate capability and full-power analog
bandwidth of 350 MHz, the component is ideal for applications
requiring the highest possible dynamic performance.
To minimize system cost and power dissipation, the AD9054A
includes an internal 2.5 V reference and track-and-hold circuit.
The user provides only a 5 V power supply and an encode clock.
No external reference or driver components are required for
many applications.
The AD9054A’s encode input interfaces directly to TTL, CMOS
or positive-ECL logic and will operate with single-ended or
differential inputs. The user may select dual-channel or single-
channel digital outputs. The dual (demultiplexed) mode inter-
leaves ADC data through two 8-bit channels at one-half the
clock rate. Operation in demultiplexed mode reduces the speed
and cost of external digital interfaces while allowing the ADC to
be clocked to the full 200 MSPS conversion rate. In the single-
channel (nondemultiplexed) mode, all data is piped at the full
clock rate to the Channel A outputs.
Fabricated with an advanced BiCMOS process, the AD9054A is
provided in a space-saving 44-lead LQFP surface mount plastic
package (ST-44) and specified over the full industrial (–40
°C to
+85
°C) temperature range.


Podobny numer części - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
More results

Podobny opis - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com