Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9054A Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9054A
Szczegółowy opis  8-Bit, 200 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9054A Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9054A_15 Datasheet HTML 6Page - Analog Devices AD9054A_15 Datasheet HTML 7Page - Analog Devices AD9054A_15 Datasheet HTML 8Page - Analog Devices AD9054A_15 Datasheet HTML 9Page - Analog Devices AD9054A_15 Datasheet HTML 10Page - Analog Devices AD9054A_15 Datasheet HTML 11Page - Analog Devices AD9054A_15 Datasheet HTML 12Page - Analog Devices AD9054A_15 Datasheet HTML 13Page - Analog Devices AD9054A_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9054A
–10–
REV. D
TC – C
–40
–70
–60
100
–40
–20
0
20
40
60
80
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
TPC 13. 2nd Harmonic vs. Temperature: fS = 200 MSPS
TC – C
–40
–70
–60
100
–40
–20
0
20
40
60
80
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
TPC 14. 3rd Harmonic vs. Temperature: fS = 135 MSPS
TC – C
–40
–70
–60
100
–40
–20
0
20
40
60
80
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
TPC 15. 3rd Harmonic vs. Temperature: fS = 200 MSPS
fIN – MHz
0
–3
–6
0
500
50
100
150
200
250
300
350
400
450
–1
–2
–4
–5
NYQUIST FREQUENCY
100MHz
TPC 16. Frequency Response: fS = 200 MSPS
MHz
0
100
10
20
30
40
50
60
70
80
90
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
FUNDAMENTAL = –0.5dBFS
SNR = 45.8dB
SINAD = 45.2dB
2ND HARMONIC = 69.8dB
3RD HARMONIC = 61.6dB
TPC 17. Spectrum: fS = 200 MSPS, fIN = 19.7 MHz
MHz
0
100
10
20
30
40
50
60
70
80
90
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
FUNDAMENTAL = –0.5dBFS
SNR = 44.6dB
SINAD = 37.6dB
2ND HARMONIC = –63.1dB
3RD HARMONIC = –39.1dB
TPC 18. Spectrum: fS = 200 MSPS, fIN = 70.1 MHz


Podobny numer części - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
More results

Podobny opis - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com