Zakładka z wyszukiwarką danych komponentów |
|
AD9054A Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD9054A Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 20 page –2– REV. D AD9054A–SPECIFICATIONS ELECTRICAL CHARACTERISTICS (V DD = 5 V, external reference, fS = max unless otherwise noted.) Test AD9054ABST-200 AD9054ABST-135 Parameter Temp Level Min Typ Max Min Typ Max Unit RESOLUTION 8 8 Bits DC ACCURACY Differential Nonlinearity 25 °CI ±0.9 +1.5/–1.0 ±0.9 +1.5/–1.0 LSB Full VI ±1.0 +2.0/–1.0 ±1.0 +2.0/–1.0 LSB Integral Nonlinearity 25 °CI ±0.6 ±1.5 ±0.6 ±1.5 LSB Full VI ±0.9 ±2.0 ±0.9 ±2.0 LSB No Missing Codes Full VI Guaranteed Guaranteed Gain Error 1 25 °CI ± 2 ± 7 ± 2 ± 7% FS Gain Tempco 1 Full V 160 160 ppm/ °C ANALOG INPUT Input Voltage Range (With Respect to AIN) Full V ±512 ±512 mV p-p Compliance Range AIN or AIN Full V 1.8 3.2 1.8 3.2 V Input Offset Voltage 25 °CI ± 4 ±16 ± 4 ±16 mV Full VI ± 8 ±19 ± 8 ±19 mV Input Resistance 25 °C I 36 62 36 62 k Ω Full VI 23 23 k Ω Input Capacitance 25 °CV 4 4 pF Input Bias Current 25 °C I 25 50 25 50 µA Full VI 75 75 µA Analog Bandwidth, Full Power 2 25 °C V 350 350 MHz REFERENCE OUTPUT Output Voltage Full VI 2.4 2.5 2.6 2.4 2.5 2.6 V Temperature Coefficient Full V 110 110 ppm/ °C SWITCHING PERFORMANCE Maximum Conversion Rate (fS) Full VI 200 135 MSPS Minimum Conversion Rate (fS) Full IV 25 25 MSPS Encode Pulsewidth High (tEH)25 °C IV 2.0 22 3.0 22 ns Encode Pulsewidth Low (tEL)25 °C IV 2.0 22 3.0 22 ns Aperture Delay (tA)25 °C V 0.5 0.5 ns Aperture Uncertainty (Jitter) 25 °C V 2.3 2.3 ps rms Data Sync Setup Time (tSDS)25 °CIV 0 0 ns Data Sync Hold Time (tHDS)25 °C IV 0.5 0.5 ns Data Sync Pulsewidth (tPWDS)25 °C IV 2.0 2.0 ns Output Valid Time (tV) 3 Full VI 2.7 5.1 2.7 5.7 ns Output Propagation Delay (tPD) 3 Full VI 5.9 7.9 7.5 8.5 ns DIGITAL INPUTS HIGH Level Current (IIH) 4 Full VI 500 625 500 625 µA LOW Level Current (IIL) 4 Full VI 500 625 500 625 µA Input Capacitance 25 °CV 3 3 pF DIFFERENTIAL INPUTS Differential Signal Amplitude (VID) Full IV 400 400 mV HIGH Input Voltage (VIHD) Full IV 1.5 VDD 1.5 VDD V LOW Input Voltage (VILD) Full IV 0 VDD – 0.4 0 VDD – 0.4 V Common-Mode Input (VICM) Full IV 1.5 1.5 V DEMUX INPUT HIGH Input Voltage (VIH) Full IV 2.0 VDD 2.0 VDD V LOW Input Voltage (VIL) Full IV 0 0.8 0 0.8 V DIGITAL OUTPUTS HIGH Output Voltage (VOH) Full VI 2.4 2.4 V LOW Output Voltage (VOL) Full VI 0.4 0.4 V Output Coding Binary Binary |
Podobny numer części - AD9054A_15 |
|
Podobny opis - AD9054A_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |