Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9054A Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9054A
Szczegółowy opis  8-Bit, 200 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9054A Arkusz danych(HTML) 3 Page - Analog Devices

  AD9054A_15 Datasheet HTML 1Page - Analog Devices AD9054A_15 Datasheet HTML 2Page - Analog Devices AD9054A_15 Datasheet HTML 3Page - Analog Devices AD9054A_15 Datasheet HTML 4Page - Analog Devices AD9054A_15 Datasheet HTML 5Page - Analog Devices AD9054A_15 Datasheet HTML 6Page - Analog Devices AD9054A_15 Datasheet HTML 7Page - Analog Devices AD9054A_15 Datasheet HTML 8Page - Analog Devices AD9054A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
–3–
REV. D
AD9054A
Test
AD9054ABST-200
AD9054ABST-135
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
VDD Supply Current (IDD)
Full
VI
128
156
120
140
mA
Power Dissipation
5, 6
Full
VI
640
781
600
700
mW
Power Supply Sensitivity
7
25
°C
I
0.005
0.015
0.005
0.015
V/V
DYNAMIC PERFORMANCE
8
Transient Response
25
°C
V
1.5
1.5
ns
Overvoltage Recovery Time
25
°C
V
1.5
1.5
ns
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 19.7 MHz
25
°CIV
42
45
42
45
dB
Full
V
45
45
dB
fIN = 49.7 MHz
25
°C
I
42
45
42
45
dB
Full
V
45
45
dB
fIN = 70.1 MHz
25
°C
I
42
45
dB
Full
V
45
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 19.7 MHz
25
°CIV
40
43
40
43
dB
Full
V
43
43
dB
fIN = 49.7 MHz
25
°C
I
40
43
40
43
dB
Full
V
43
43
dB
fIN = 70.1 MHz
25
°C
I
39
42
dB
Full
V
42
dB
Effective Number of Bits
fIN = 19.7 MHz
25
°C
IV
6.35
6.85
6.35
6.85
Bits
fIN = 49.7 MHz
25
°C
I
6.35
6.85
6.35
6.85
Bits
fIN = 70.1 MHz
25
°C
I
6.18
6.85
Bits
2nd Harmonic Distortion
fIN = 19.7 MHz
25
°C
IV
58
63
58
63
dBc
fIN = 49.7 MHz
25
°C
I
54
59
54
59
dBc
fIN = 70.1 MHz
25
°C
I
49
55
dBc
3rd Harmonic Distortion
fIN = 19.7 MHz
25
°C
IV
48
56
48
56
dBc
fIN = 49.7 MHz
25
°C
I
48
54
48
54
dBc
fIN = 70.1 MHz
25
°C
I
43
50
dBc
Two-Tone Intermod Distortion
(IMD)
fIN = 19.7 MHz
25
°C
V
60
60
dBc
fIN = 49.7 MHz
25
°C
V
55
55
dBc
fIN = 70.1 MHz
25
°C
V
50
dBc
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 2.5 V external reference).
23 dB bandwidth with full-power input signal.
3t
V and tPD are measured from the threshold crossing of the ENCODE input to valid TTL levels of the digital outputs. The output ac load during test is 5 pF (Refer to
equivalent circuits Figures 5 and 6).
4I
IH and IIL are valid for differential input voltages of less than 1.5 V. At higher differential voltages, the input current will increase to a maximum of 1.5 mA.
5Power dissipation is measured under the following conditions: analog input is –1 dBFS at 19.7 MHz.
6Typical thermal impedance for the ST-44 (LQFP) 44-lead package (in still air):
θ
JC = 20
°C/W, θ
CA = 35
°C/W, θ
JA = 55
°C/W.
7A change in input offset voltage with respect to a change in V
DD.
8SNR/harmonics based on an analog input voltage of –1.0 dBFS referenced to a 1.024 V full-scale input range.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II. 100% production tested at 25
°C and sample tested at speci-
fied temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V. Parameter is a typical value only.
VI. 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range.


Podobny numer części - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
More results

Podobny opis - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com