Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9057 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9057
Szczegółowy opis  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9057 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9057_15 Datasheet HTML 1Page - Analog Devices AD9057_15 Datasheet HTML 2Page - Analog Devices AD9057_15 Datasheet HTML 3Page - Analog Devices AD9057_15 Datasheet HTML 4Page - Analog Devices AD9057_15 Datasheet HTML 5Page - Analog Devices AD9057_15 Datasheet HTML 6Page - Analog Devices AD9057_15 Datasheet HTML 7Page - Analog Devices AD9057_15 Datasheet HTML 8Page - Analog Devices AD9057_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. D
–5–
Typical Performance Characteristics–AD9057
0
–10
–90
030
–50
–60
–70
–80
–30
–40
–20
ENCODE = 60MSPS
ANALOG IN = 10.3MHz, –0.5dBFS
SINAD = 46.1dB
ENOB = 7.36 BITS
SNR = 46.5dB
FREQUENCY (MHz)
TPC 1. Spectral Plot 60 MSPS, 10.3 MHz
0
–10
–90
030
–50
–60
–70
–80
–30
–40
–20
FREQUENCY (MHz)
ENCODE = 60MSPS
ANALOG IN = 76MHz, –0.5dBFS
SINAD = 44.9dB
ENOB = 7.16 BITS
SNR = 45.2dB
TPC 2. Spectral Plot 60 MSPS, 76 MHz
ANALOG INPUT FREQUENCY (MHz)
0
160
20
40
60
80
100
120
140
48
46
30
38
36
34
32
42
40
44
ENCODE = 60MSPS
AIN = –0.5dBFS
SNR
SINAD
TPC 3. SINAD/SNR vs. AIN Frequency
ANALOG INPUT FREQUENCY (MHz)
–30
–70
0
160
20
40
60
80
100
120
140
–35
–50
–55
–60
–65
–40
–45
ENCODE = 60MSPS
AIN = –0.5dBFS
THIRD HARMONIC
SECOND HARMONIC
TPC 4. Harmonic Distortion vs. AIN Frequency
FREQUENCY (MHz)
0
–10
–90
030
10
20
–50
–60
–70
–80
–30
–40
–20
ENCODE = 60MSPS
F1 IN = 9.5MHz @ –7.0dBFS
F2 IN = 9.9MHz @ –7.0dBFS
2F1 – F2 = –52.0dBc
2F2 – F1 = –53.0dBc
TPC 5. Two-Tone Intermodulation Distortion
ENCODE RATE (MSPS)
54
24
0
510
20
3040
5060
70
80
90
48
30
18
42
36
AIN = 10.3MHz, –0.5dBFS
SNR
SINAD
12
TPC 6. SINAD/SNR vs. Encode Rate


Podobny numer części - AD9057_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results

Podobny opis - AD9057_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com