Zakładka z wyszukiwarką danych komponentów |
|
AD9057 Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD9057 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 12 page REV. D AD9057 –7– THEORY OF OPERATION The AD9057 combines Analog Devices’ proprietary MagAmp gray code conversion circuitry with flash converter technology to provide a high performance, low cost ADC. The design architecture ensures low power, high speed, and 8-bit accuracy. A single-ended TTL/CMOS compatible ENCODE input controls ADC timing for sampling the analog input pin and strobing the digital outputs (D7–D0). An internal voltage reference (VREF OUT) may be used to control ADC gain and offset or an exter- nal reference may be applied. The analog input signal is buffered at the input of the ADC and applied to a high speed track-and-hold. The track-and-hold circuit holds the analog input value during the conversion process (beginning with the rising edge of the encode command). The track-and-hold’s output signal passes through the gray code and flash conversion stages to generate coarse and fine digital representations of the held analog input level. Decode logic combines the multistage data and aligns the 8-bit word for strobed outputs on the rising edge of the encode command. The MagAmp/Flash architecture of the AD9057 results in three pipeline delays for the output data. USING THE AD9057 Analog Inputs The AD9057 provides a single-ended analog input impedance of 150 k W. The input requires a dc bias current of 6 mA (typical) centered near 2.5 V ( ±10%). The dc bias may be provided by the user or may be derived from the ADC’s internal voltage reference. Figure 2 shows a low cost dc bias implementation allowing the user to capacitively couple ac signals directly into the ADC without additional active circuitry. For best dynamic performance, the VREF OUT pin should be decoupled to ground with a 0.1 mF capacitor (to minimize modulation of the reference voltage) and the bias resistor should be approxi- mately 1 k W. A 1 kW bias resistor (±20%) is included within the AD9057 and may be used to reduce application board size and complexity. AD9057 VREF OUT AIN 0.1 F 5V VIN (1V p-p) VREF IN BIAS OUT 1k 0.1 F Figure 2. Capacitively Coupled AD9057 Figure 3 shows typical connections for high performance dc biasing using the ADC’s internal voltage reference. All compo- nents may be powered from a single 5 V supply. In the example, analog input signals are referenced to ground. AD9057 VREF OUT VREF IN AIN 0.1 F 10k 10k AD8041 5V 1k 5V 1k VIN (–0.5V TO +0.5V) Figure 3. DC-Coupled AD9057 (Inverted VIN) Voltage Reference A stable and accurate 2.5 V voltage reference is built into the AD9057 (VREF OUT). The reference output may be used to set the ADC gain/offset by connecting VREF OUT to VREF IN. The internal reference is capable of providing 300 mA of drive current (for dc biasing the analog input or other user circuitry). Some applications may require greater accuracy, improved temperature performance, or gain adjustments that cannot be obtained using the internal reference. An external voltage may be applied to the VREF IN with VREF OUT disconnected for gain adjustment of up to ±10% (the VREF IN pin is internally tied directly to the ADC circuitry). ADC gain and offset will vary simultaneously with external reference adjustment with a 1:1 ratio (a 2% or 50 mV adjustment to the 2.5 V reference varies ADC gain by 2% and ADC input range center offset by 50 mV). Theoretical input voltage range versus reference input voltage may be calculated from the following equations: VRANGE (p-p) = VREF IN/2.5 VMIDSCALE = VREF IN VTOP-OF-RANGE = VREF IN + VRANGE/2 VBOTTOM-OF-RANGE = VREF IN – VRANGE /2 Digital Logic (5 V/3 V Systems) The digital inputs and outputs of the AD9057 can easily be configured to interface directly with 3 V or 5 V logic systems. The encode and power-down (PWRDN) inputs are CMOS stages with TTL thresholds of 1.5 V, making the inputs compat- ible with TTL, 5 V CMOS, and 3 V CMOS logic families. As with all high speed data converters, the encode signal should be clean and jitter free to prevent degradation of ADC dynamic performance. The AD9057’s digital outputs will also interface directly with 5V or 3 V CMOS logic systems. The voltage supply pin (VDD) for these CMOS stages is isolated from the analog VD voltage supply. By varying the voltage on this supply pin, the digital output high level will change for 5 V or 3 V systems. Optimum SNR is obtained running the outputs at 3 V. Care should be taken to isolate the VDD supply voltage from the 5 V analog supply to minimize digital noise coupling into the ADC. |
Podobny numer części - AD9057_15 |
|
Podobny opis - AD9057_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |